Electronic Components Datasheet Search
  English  ▼

X  

WFF830 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFF830
Description  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFF830 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFF830 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF830 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF830 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF830 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF830 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF830 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF830 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
WF
WF
WF
WFF
F
F
F830
830
830
830
2/7
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Gate leakage current
IGSS
VGS = ±30 V, VDS = 0 V
-
-
±100
nA
Gate−source breakdown voltage
V(BR)GSS
IG = ±10 μA, VDS = 0 V
±30
-
-
V
Drain cut−off current
IDSS
VDS = 500 V, VGS = 0 V
-
-
1
μA
Drain−source breakdown voltage
V(BR)DSS
ID = 250 μA, VGS = 0 V
500
-
-
V
Break Voltage Temperature
Coefficient
ΔBVDSS/
ΔTJ
ID=250μA,
Referenced
to
25℃
-
0.55
-
V/℃
Gate threshold voltage
VGS(th)
VDS = 10 V, ID =250 μA
2
-
4
V
Drain−source ON resistance
RDS(ON)
VGS = 10 V, ID = 2.25A
-
1.16
1.5
Ω
Forward Transconductance
gfs
VDS = 40 V, ID = 2.25A
-
4.2
-
S
Input capacitance
Ciss
VDS = 25 V,
VGS = 0 V,
f = 1 MHz
-
800
1050
pF
Reverse transfer capacitance
Crss
-
18
23
Output capacitance
Coss
-
76
100
Switching time
Rise time
tr
VDD =250 V,
ID =4.5A
RG=25Ω
(Note4,5)
-
15
40
ns
Turn−on time
ton
-
40
90
Fall time
tf
-
85
180
Turn−off time
toff
-
45
100
Total gate charge (gate−source
plus gate−drain)
Qg
VDD = 400 V,
VGS = 10 V,
ID =4.5 A
(Note4,5)
-
32
44
nC
Gate−source charge
Qgs
-
3.7
-
Gate−drain (“miller”) Charge
Qgd
-
15
-
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Continuous drain reverse current
IDR
-
-
-
4.5
A
Pulse drain reverse current
IDRP
-
-
-
18
A
Forward voltage (diode)
VDSF
IDR = 4.5 A, VGS = 0 V
-
-
1.4
V
Reverse recovery time
trr
IDR = 4.5 A, VGS = 0 V,
dIDR / dt = 100 A / μs
-
305
-
ns
Reverse recovery charge
Qrr
-
2.6
-
μC
Note 1.Repeativity rating :pulse width limited by junction temperature
2.L=24mH,IAS=4.5A,VDD=50V,RG=25Ω,Starting TJ=25℃
3.ISD≤4.5A,di/dt≤300A/us, VDD<BVDSS,STARTING TJ=25℃
4.Pulse Test: Pulse Width≤300us,Duty Cycle≤2%
5.Essentially independent of operating temperature.
This transistor is an electrostatic sensitive device
Please handle with caution



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com