Electronic Components Datasheet Search
  English  ▼

X  

WFSA5406 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFSA5406
Description  N- Channel and P-Channel Silicon MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFSA5406 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFSA5406 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFSA5406 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFSA5406 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFSA5406 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFSA5406 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFSA5406 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFSA5406 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WFSA5406 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Steady, keep you advance
WFSA5406
2/10
N-Channel Electrical Characteristics at Ta=250C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=250uA, VGS=0V
60
-
-
V
Zero-Gate Voltage Drain Current
IDSS
VDS=48V, VGS=0V
-
-
1
uA
Gate-to-Source Leakage Current
IGSS
VGS=+25V, VDS=0V
-
-
+100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250uA
1
2
2.5
V
Static Drain-to-Source On-State Resistance
RDS(ON)
ID=5A, VGS=10V
-
38
52
mΩ
RDS(ON)
ID=4A, VGS=4.5V
-
55
75
mΩ
Input Capacitance
Ciss
VDS=30V,
VGS=0V,
f=1MHz
-
915
-
pF
Output Capacitance
Coss
-70
-
Reverse Transfer Capacitance
Crss
-45
-
Turn-on Delay Time
td(on)
VGEN=10V,
VDS=30V,
RL=30Ω,ID=1A,
RGEN=6Ω
-9
17
nS
Rise Time
tr
-6
12
Turn-off Delay Time
td(off)
-25
46
Fall Time
tf
-5
10
Total Gate Charge
Qg
VDS=30V,
VGS=10V,
ID=5A
-19
27
nC
Gate-to-Source Charge
Qgs
-4.4
-
Gate-to-Drain “Miller” Charge
Qgd
-4.4
-
Diode Forward Voltage
VSD
IS=2.5A, VGS=0V
-
0.8
1.1
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com