Electronic Components Datasheet Search
  English  ▼

X  

HITJ0201MP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HITJ0201MP
Description  Silicon P Channel MOS FET Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HITJ0201MP Datasheet(HTML) 2 Page - Renesas Technology Corp

  HITJ0201MP Datasheet HTML 1Page - Renesas Technology Corp HITJ0201MP Datasheet HTML 2Page - Renesas Technology Corp HITJ0201MP Datasheet HTML 3Page - Renesas Technology Corp HITJ0201MP Datasheet HTML 4Page - Renesas Technology Corp HITJ0201MP Datasheet HTML 5Page - Renesas Technology Corp HITJ0201MP Datasheet HTML 6Page - Renesas Technology Corp HITJ0201MP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HITJ0201MP
Preliminary
R07DS0473EJ0100 Rev.1.00
Page 2 of 6
Jun 22, 2011
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
–20
—
—
V
ID = –10 mA, VGS = 0
V(BR)GSS
+8
—
—
V
IG = +100 A, VDS = 0
Gate to source breakdown voltage
V(BR)GSS
–12
—
—
V
IG = –100 A, VDS = 0
IGSS
—
—
+10
A
VGS = +6 V, VDS = 0
Gate to source leak current
IGSS
—
—
–10
A
VGS = –10 V, VDS = 0
Drain to source leak current
IDSS
—
—
–1
A
VDS = –20 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
–0.4
—
–1.4
V
VDS = –10 V, ID = –1 mA
RDS(on)
—
53
69
m
ID = –1.8 A, VGS = –4.5 V
Note3
Drain to source on state resistance
RDS(on)
—
80
112
m
ID = –1.8 A, VGS = –2.5 V
Note3
Forward transfer admittance
|yfs|
4.5
6.5
—
S
ID = –1.8 A, VDS = –10 V
Note3
Input capacitance
Ciss
—
597
—
pF
Output capacitance
Coss
—
149
—
pF
Reverse transfer capacitance
Crss
—
93
—
pF
VDS = –10 V
VGS = 0
f = 1 MHz
Turn - on delay time
td(on)
—
18
—
ns
Rise time
tr
—
43
—
ns
Turn - off delay time
td(off)
—
37
—
ns
Fall time
tf
—
12
—
ns
ID = –1.8 A
VGS = –4.5 V
RL = 5.5 
Rg = 4.7
Total gate charge
Qg
—
6.3
—
nC
Gate to source charge
Qgs
—
1.1
—
nC
Gate to drain charge
Qgd
—
2.5
—
nC
VDD = –10 V
VGS = –4.5 V
ID = –3.4 A
Body - drain diode forward voltage
VDF
—
–0.85
–1.1
V
IF = –3.4 A, VGS = 0
Note3
Notes: 3. Pulse test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com