Electronic Components Datasheet Search
  English  ▼

X  

BYP302 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BYP302
Description  FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BYP302 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BYP302 Datasheet HTML 1Page - Siemens Semiconductor Group BYP302 Datasheet HTML 2Page - Siemens Semiconductor Group BYP302 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
1
12.96
BYP 302
FRED Diode
• Fast recovery epitaxial diode
• Soft recovery characteristics
Type
VRRM
IFRMS
trr
Package
Ordering Code
BYP 302
1200V
40A
130ns
TO-218 AD
C67047-A2252-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Mean forward current
TC = 90 °C, D = 0.5
IFAV
25
A
RMS forward current
IFRMS
40
Surge forward current, sine halfwave, aperiodic
Tj = 100 °C, f = 50 Hz
IFSM
115
Repetitive peak forward current
Tj = 100 °C, tp ≤ 10 µs
IFRM
260
i 2t value
Tj = 100 °C, tp = 10 ms
∫i2dt
66
A2s
Repetitive peak reverse voltage
VRRM
1200
V
Surge peak reverse voltage
VRSM
1200
Power dissipation
TC = 90 °C
Ptot
75
W
Chip or operating temperature
Tj
-40 ... + 150
°C
Storage temperature
Tstg
-40 ... + 150
Thermal resistance, chip case
RthJC
≤ 0.8
K/W
Thermal resistance, chip-ambient
RthJA
≤ 46
DIN humidity category, DIN 40 040
-
E
-
IEC climatic category, DIN IEC 68-1
-
40 / 150 / 56


Similar Part No. - BYP302

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BYP302 ISC-BYP302 Datasheet
254Kb / 2P
FRED Diode
More results

Similar Description - BYP302

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BYP100 SIEMENS-BYP100 Datasheet
19Kb / 2P
FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP101 SIEMENS-BYP101 Datasheet
25Kb / 3P
FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP102 SIEMENS-BYP102 Datasheet
25Kb / 3P
FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP103 SIEMENS-BYP103 Datasheet
25Kb / 3P
FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP300 SIEMENS-BYP300 Datasheet
19Kb / 2P
FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP301 SIEMENS-BYP301 Datasheet
25Kb / 3P
FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP303 SIEMENS-BYP303 Datasheet
25Kb / 3P
FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
logo
IXYS Corporation
DSEI2X101-12 IXYS-DSEI2X101-12 Datasheet
80Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
DSEI2X61-12 IXYS-DSEI2X61-12 Datasheet
136Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
logo
Powersem GmbH
PSEK6006 POWERSEM-PSEK6006 Datasheet
97Kb / 2P
Fast Recovery Epitaxial Diode (FRED)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com