Electronic Components Datasheet Search
  English  ▼

X  

STF25A60 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # STF25A60
Description  Bi-Directional Triode Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

STF25A60 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  STF25A60 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd STF25A60 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd STF25A60 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd STF25A60 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd STF25A60 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
S
S
S
ST
T
T
TF25
F25
F25
F25A60
A60
A60
A60
2/5
Electrical Characteristics(Tc=25℃ unless otherwise noted)
Symbol
Items
conditions
Ratin
Unit
Min
Typ
Max
IDRM
Repetitive Peak Off-State
Current
VD=VDRM,Single Phase, Half
Wave TJ=125℃
-
-
5.0
mA
VTM
Peak On-State Voltage
IT=35A,Inst.Measurement
-
-
1.4
V
I+GT1
Ⅰ
Gate Trigger Current
VD=6V,RL=10Ω
-
-
30
mA
I-GT1
Ⅱ
-
-
30
I-GT3
Ⅲ
-
-
30
V+GT1
Ⅰ
Gate Trigger Voltage
VD=6V,RL=10Ω
-
-
1.5
V
V-GT1
Ⅱ
-
-
1.5
V-GT3
Ⅲ
-
-
1.5
VGD
Non-Trigger Gate Voltage
TJ=125℃,VD=1/2VDRM
0.2
-
-
V
(dv/dt)c
Critical Rate of Rise Off-State
Voltage at Commutation
TJ=125℃,[di/dt]c=-12.5A/ms,
VD=2/3VDRM
6
-
-
V/
µs
IH
Holding Current
-
35
-
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com