Electronic Components Datasheet Search
  English  ▼

X  

NP50P04SLG Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NP50P04SLG
Description  MOS FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP50P04SLG Datasheet(HTML) 2 Page - Renesas Technology Corp

  NP50P04SLG Datasheet HTML 1Page - Renesas Technology Corp NP50P04SLG Datasheet HTML 2Page - Renesas Technology Corp NP50P04SLG Datasheet HTML 3Page - Renesas Technology Corp NP50P04SLG Datasheet HTML 4Page - Renesas Technology Corp NP50P04SLG Datasheet HTML 5Page - Renesas Technology Corp NP50P04SLG Datasheet HTML 6Page - Renesas Technology Corp NP50P04SLG Datasheet HTML 7Page - Renesas Technology Corp NP50P04SLG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NP50P04SLG
Chapter Title
R07DS0241EJ0100 Rev.1.00
Page 2 of 6
Feb 09, 2011
Electrical Characteristics (TA = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero Gate Voltage Drain Current
IDSS
−1
μA
VDS =
−40 V, VGS = 0 V
Gate Leakage Current
IGSS
m10
μA
VGS = m20 V, VDS = 0 V
Gate to Source Threshold
Voltage
VGS(th)
−1.0
−1.4
−2.5
V
VDS = VGS, ID =
−250
μA
Forward Transfer Admittance ∗
1
| yfs |
12
44
S
VDS =
−10 V, ID = −25 A
RDS(on)1
8.2
9.6
m
Ω
VGS =
−10 V, ID = −25 A
Drain to Source On-state
Resistance ∗
1
RDS(on)2
9.8
15
m
Ω
VGS =
−4.5 V, ID = −25 A
Input Capacitance
Ciss
3800
5700
pF
VDS =
−10 V,
Output Capacitance
Coss
740
1120
pF
VGS = 0 V,
Reverse Transfer Capacitance
Crss
500
905
pF
f = 1 MHz
Turn-on Delay Time
td(on)
11
24
ns
Rise Time
tr
15
39
ns
VDD =
−20 V, ID = −25 A,
VGS =
−10 V,
Turn-off Delay Time
td(off)
250
505
ns
RG = 0
Ω
Fall Time
tf
150
380
ns
Total Gate Charge
QG
100
150
nC
VDD =
−32 V,
Gate to Source Charge
QGS
13
nC
VGS =
−10 V,
Gate to Drain Charge
QGD
30
nC
ID =
−50 A
Body Diode Forward Voltage ∗
1
VF(S-D)
0.96
1.5
V
IF =
−50 A, VGS = 0 V
Reverse Recovery Time
trr
50
ns
IF =
−50 A, VGS = 0 V,
Reverse Recovery Charge
Qrr
63
nC
di/dt =
−100 A/
μs
Note: ∗1. Pulsed test PW
≤ 350
μs, Duty Cycle ≤ 2%
TEST CIRCUIT 1 AVALANCHE CAPABILITY
RG = 25
Ω
50
Ω
L
VDD
VGS =
−20 → 0 V
BVDSS
IAS
ID
VDS
Starting Tch
VDD
D.U.T.
TEST CIRCUIT 3 GATE CHARGE
TEST CIRCUIT 2 SWITCHING TIME
PG.
RG
0
VGS(−)
D.U.T.
RL
VDD
τ = 1 s
μ
Duty Cycle
≤ 1%
VGS
Wave Form
VDS
Wave Form
VGS(−)
10%
90%
VGS
10%
0
VDS(−)
90%
90%
td(on)
tr
td(off)
tf
10%
τ
VDS
0
ton
toff
PG.
PG.
50
Ω
D.U.T.
RL
VDD
IG =
−2 mA
−



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com