Electronic Components Datasheet Search
  English  ▼

X  

C515 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # C515
Description  8-Bit CMOS Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C515 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  C515 Datasheet HTML 1Page - Siemens Semiconductor Group C515 Datasheet HTML 2Page - Siemens Semiconductor Group C515 Datasheet HTML 3Page - Siemens Semiconductor Group C515 Datasheet HTML 4Page - Siemens Semiconductor Group C515 Datasheet HTML 5Page - Siemens Semiconductor Group C515 Datasheet HTML 6Page - Siemens Semiconductor Group C515 Datasheet HTML 7Page - Siemens Semiconductor Group C515 Datasheet HTML 8Page - Siemens Semiconductor Group C515 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
C515
Semiconductor Group
3
1997-08-01
Data Sheet
8-Bit CMOS Microcontroller
Advance Information
• Full upward compatibility with SAB 80C515
• Up to 24 MHz external operating frequency
– 500ns instruction cycle at 24 MHz operation
• 8K byte on-chip ROM (with optional ROM protection)
– alternatively up to 64K byte external program memory
• Up to 64K byte external data memory
• 256 byte on-chip RAM
• Six 8-bit parallel I/O ports
• One input port for analog/digital input
• Full duplex serial interface (USART)
– 4 operating modes, fixed or variable baud rates
• Three 16-bit timer/counters
– Timer 0 / 1 (C501 compatible)
– Timer 2 for 16-bit reload, compare, or capture functions
(more features on next page)
Figure 1
C515 Functional Units
MCA03198
Port 0
Port 1
Port 2
Port 3
RAM
256 x 8
CPU
T0
T1
USART
ROM
I/O
I/O
I/O
I/O
Port
6
Port
5
Port 4
Watchdog
Timer
A/D
Converter
I/O
I/O
Analog/
Digital
Input
8-Bit
K
8x 8
Power
Modes
Saving
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com