Electronic Components Datasheet Search
  English  ▼

X  

R5F2L357MNFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F2L357MNFP
Description  R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L357MNFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F2L357MNFP Datasheet HTML 9Page - Renesas Technology Corp R5F2L357MNFP Datasheet HTML 10Page - Renesas Technology Corp R5F2L357MNFP Datasheet HTML 11Page - Renesas Technology Corp R5F2L357MNFP Datasheet HTML 12Page - Renesas Technology Corp R5F2L357MNFP Datasheet HTML 13Page - Renesas Technology Corp R5F2L357MNFP Datasheet HTML 14Page - Renesas Technology Corp R5F2L357MNFP Datasheet HTML 15Page - Renesas Technology Corp R5F2L357MNFP Datasheet HTML 16Page - Renesas Technology Corp R5F2L357MNFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group
1. Overview
R01DS0028EJ0100 Rev.1.00
Page 13 of 72
Jun 28, 2011
Figure 1.7
Block Diagram of R8C/L38M Group
System clock generation
circuit
XIN-XOUT
High-speed on-chip oscillator
Low-speed on-chip oscillator
XCIN-XCOUT
RAM (2)
Multiplier
Timers
Timer RA (8 bits
× 1)
Timer RB (8 bits
× 1)
Timer RC (16 bits
× 1)
Timer RD (16 bits
× 2)
Timer RE (8 bits
× 1)
Timer RG (16 bits
× 1)
R8C CPU core
Memory
R0H
R0L
R1H
R2
R3
R1L
A0
A1
FB
SB
USP
ISP
INTB
PC
FLG
I/O ports
Notes:
1. ROM capacity varies with MCU type.
2. RAM capacity varies with MCU type.
UART or
clock synchronous serial I/O
(8 bits
× 3)
I2C bus or SSU
(8 bits
× 1)
LIN module
8
Port P0
8
Port P3
Port P4
8
Port P2
ROM (1)
Peripheral functions
LCD drive control circuit
Common output: Max. 8 pins
Segment output: Max. 48 pins
8
4
4
8
8
Comparator B
4
Port P1
8
Port P6
Comparator A
Watchdog timer
(14 bits)
A/D converter
(10 bits
× 16 channels)
D/A converter
(8 bits
× 2 channels)
DTC
Voltage detection circuit
Low-speed on-chip oscillator
for watchdog timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com