Electronic Components Datasheet Search
  English  ▼

X  

RJM0603JSC Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJM0603JSC
Description  Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJM0603JSC Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJM0603JSC Datasheet HTML 1Page - Renesas Technology Corp RJM0603JSC Datasheet HTML 2Page - Renesas Technology Corp RJM0603JSC Datasheet HTML 3Page - Renesas Technology Corp RJM0603JSC Datasheet HTML 4Page - Renesas Technology Corp RJM0603JSC Datasheet HTML 5Page - Renesas Technology Corp RJM0603JSC Datasheet HTML 6Page - Renesas Technology Corp RJM0603JSC Datasheet HTML 7Page - Renesas Technology Corp RJM0603JSC Datasheet HTML 8Page - Renesas Technology Corp RJM0603JSC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
RJM0603JSC
Preliminary
R07DS0339EJ0501 Rev.5.01
Page 5 of 11
Jul 22, 2011
 MOS1, MOS2, MOS3 (N Channel)
20
16
12
8
4
0
50
40
30
20
10
20
40
60
80
100
0
Gate Charge Qg (nc)
Dynamic Input Characteristics
0
0.4
0.8
1.2
1.6
2.0
20
16
4
8
12
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
15 V
0
ID
VDS
IAP
V (BR)DSS
L
VDD
EAR =
L
• IAP2 •
2
1
VDSS
VDSS – VDD
Avalanche Test Circuit
Avalanche Waveform
Tc = 25
°C
ID = 20 A
VDS
VGS
VGS = 0 V, −5 V
10 V
VDD = 25 V
10 V
5 V
VDD = 25 V
10 V
5 V
010
20
40
30
10000
1000
100
10
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Tc = 25
°C
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
50
40
30
20
10
25
50
75
100
125
150
175
0
Channel Temperature Tch (
°C)
Avalanche Energy vs.
Channel Temperature Derating
IAP = 20 A
VDD = 25 V
duty < 0.1 %
Rg
≥ 50 Ω
Tc = 25
°C
Pulse Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com