Electronic Components Datasheet Search
  English  ▼

X  

RJP4010AGE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJP4010AGE
Description  Nch IGBT for Strobe Flash
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP4010AGE Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJP4010AGE Datasheet HTML 1Page - Renesas Technology Corp RJP4010AGE Datasheet HTML 2Page - Renesas Technology Corp RJP4010AGE Datasheet HTML 3Page - Renesas Technology Corp RJP4010AGE Datasheet HTML 4Page - Renesas Technology Corp RJP4010AGE Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RJP4010AGE
Preliminary
R07DS0371EJ0300 Rev.3.00
Page 2 of 4
Apr 27, 2011
Electrical Characteristics
(Tj = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Collector-emitter leakage current
ICES
—
—
1
μA
VCE = 400 V, VGE = 0 V
Gate-emitter leakage current
IGES
—
—
±10
μA
VGE = ±6 V, VCS = 0 V
Gate-emitter threshold voltage
VGE(th)
0.4
0.6
1.2
V
VCE = 10 V, IC = 1 mA
Collector-emitter saturation voltage
VCE(sat)
—
4.5
9.0
V
IC = 150 A, VGE = 3.0 V
Input capacitance
Cies
—
5100
—
pF
VCE = 25 V, VGE = 0 V,
f = 1 MHz
Performance Curves
Maximum Pulse Collector Current
(Conductive Capability in Strobe Flash Circuit)
Gate - Emitter Voltage VGE (V)
0
50
100
200
150
012
3
4
7
6
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com