Electronic Components Datasheet Search
  English  ▼

X  

SY89873L Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89873L
Description  3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89873L Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89873L Datasheet HTML 1Page - Micrel Semiconductor SY89873L Datasheet HTML 2Page - Micrel Semiconductor SY89873L Datasheet HTML 3Page - Micrel Semiconductor SY89873L Datasheet HTML 4Page - Micrel Semiconductor SY89873L Datasheet HTML 5Page - Micrel Semiconductor SY89873L Datasheet HTML 6Page - Micrel Semiconductor SY89873L Datasheet HTML 7Page - Micrel Semiconductor SY89873L Datasheet HTML 8Page - Micrel Semiconductor SY89873L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Precision Edge®
SY89873L
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
1, 2, 3, 4
QB0, /QB0
Differential Buffered Output Clocks: Divide by 2, 4, 8, 16.
QB1, /QB1
LVDS compatible.
5, 6
QA, /QA
Differential Buffered Undivided Output Clock: LVDS compatible.
7, 14
VCC
Positive Power Supply: Bypass with 0.1µF//0.01µF low ESR capacitors.
8
/RESET,
TTL/CMOS Compatible Output Reset and Disable: Internal 25kΩ pull-up. Input threshold
/DISABLE
is VCC/2. Logic LOW will reset the divider select, and align Bank A and Bank B edges. In
addition, when LOW, Banks A and B will be disabled.
12, 9
IN, /IN
Differential Input: Internal 50Ω termination resistors to VT input.
See
“Input Interface Applications” section.
10
VREF-AC
Reference Voltage: Equal to VCC–1.4V (approx.), and used for AC-coupled applications.
Maximum sink/source current is 0.5mA. See
“Input Interface Applications” section.
11
VT
Termination Center-Tap: For CML and LVDS inputs, leave this pin floating. Otherwise,
see
“Input Interface Applications” section.
13
GND
Ground: Exposed pad is internally connected to GND and must be connected to a ground
plane for proper thermal operation.
16, 15
S0, S1
Select Pins: LVTTL/CMOS logic levels. Internal 25kΩ pull-up resistor. Logic HIGH if left
unconnected (divided by 16 mode). S0 = LSB. Input threshold is VCC/2.
PIN DESCRIPTION
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
QB0
/QB0
QB1
/QB1
IN
VT
VREF-AC
/IN
16-Pin MLF® (MLF-16)
/RESET
S1
S0
Bank A Output
Bank B Outputs
/DISABLE
10
0
Input Clock
Input Clock ÷ 2
10
1
Input Clock
Input Clock ÷ 4
11
0
Input Clock
Input Clock ÷ 8
11
1
Input Clock
Input Clock ÷ 16
0X
X
QA = LOW, /QA = HIGH(1)
QB0 = LOW, /QB0 = HIGH(2)
QB1 = LOW, /QB1 = HIGH(2)
Notes:
1. On the next negative transition of the input signal.
2. Asynchronous Reset/Disable function. See
"Timing Diagram."
TRUTH TABLE
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89873LMI
MLF-16
Industrial
873L
Sn-Pb
SY89873LMITR(2)
MLF-16
Industrial
873L
Sb-Pb
SY89873LMG(3)
MLF-16
Industrial
873L with
NiPdAu
Pb-Free bar line indicator
Pb-Free
SY89873LMGTR(2, 3)
MLF-16
Industrial
873L with
NiPdAu
Pb-Free bar line indicator
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com