Electronic Components Datasheet Search
  English  ▼

X  

CLY5 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # CLY5
Description  GaAs FET (Power amplifier for mobile phones For frequencies from 400 MHz to 2.5 GHz)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

CLY5 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  CLY5 Datasheet HTML 1Page - Siemens Semiconductor Group CLY5 Datasheet HTML 2Page - Siemens Semiconductor Group CLY5 Datasheet HTML 3Page - Siemens Semiconductor Group CLY5 Datasheet HTML 4Page - Siemens Semiconductor Group CLY5 Datasheet HTML 5Page - Siemens Semiconductor Group CLY5 Datasheet HTML 6Page - Siemens Semiconductor Group CLY5 Datasheet HTML 7Page - Siemens Semiconductor Group CLY5 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GaAs FET
CLY 5
________________________________________________________________________________________________________
Siemens Aktiengesellschaft
pg. 3/8
17.12.96
HL EH PD21
Compression Power vs. Drain-Source Voltage
f = 1.8GHz; IDS=0.5IDSS
P1dB
η
η
D
0
5
10
15
20
25
30
35
40
[dBm]
0123
4567
8
0
10
20
30
40
50
60
70
80
[%]
[V]
Drain-Source Voltage
Gain
P1dB
0
2
4
6
8
10
12
16
[dB]
01
23
45
67
8
0
0.25
0.5
0.75
1.0
1.25
1.5
1.75
2.0
[W]
[V]
Drain-Source Voltage
14
Output Characteristics
0
0,1
0,3
0,5
0,7
0,9
0123456
Drain-Source Voltage [V]
VGS = 0V
VGS = -0.5V
VGS = -1V
VGS = -1.5V
VGS = -2V
PtotDC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com