Electronic Components Datasheet Search
  English  ▼

X  

SY88903 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88903
Description  1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88903 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88903 Datasheet HTML 1Page - Micrel Semiconductor SY88903 Datasheet HTML 2Page - Micrel Semiconductor SY88903 Datasheet HTML 3Page - Micrel Semiconductor SY88903 Datasheet HTML 4Page - Micrel Semiconductor SY88903 Datasheet HTML 5Page - Micrel Semiconductor SY88903 Datasheet HTML 6Page - Micrel Semiconductor SY88903 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
SY88903
Micrel, Inc.
M9999-061907
hbwhelp@micrel.com or (408) 955-1690
Pin
Type
Function
DIN
Data Input
Data Input
/DIN
Data Input
Inverting Data Input
LOS LVL
Input
Loss of Signal Level Set
/EN
TTL Input
Output Enable (active Low)
LOS
TTL Output
Loss of Signal Indicator
(Open Collector)
(active High)
GND
Ground
Ground
DOUT
PECL Output
Data Output
/DOUT
PECL Output
Inverting Data Output
VCC
Power Supply
Positive Power Supply
VREF
Output
Reference Voltage Output
for LOS Level Set (see Fig. 3)
General
The SY88903 is an integrated limiting amplifier intended
for high-frequency fiber-optic applications. The circuit
connects to typical transimpedance amplifiers found within
a fiber-optics link. The linear signal output from a
transimpedance amplifier can contain significant amounts
of noise, and may vary in amplitude over time. The SY88903
limiting amplifier quantizes the signal and outputs a voltage-
limited waveform.
The TTL /EN pin allows the user to disable the output
signal without removing the input signal.
PIN NAMES
GENERAL DESCRIPTION
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
0 to +7.0
V
DIN, /DIN
Input Voltage
0 to VCC
V
DOUT, /DOUT
Output Voltage (with 50Ω load)
VCC –2.5, VCC +0.3
V
TA
Operating Temperature Range
–40 to +85
°C
Tstore
Storage Temperature Range
–55 to +125
°C
ABSOLUTE MAXIMUM RATINGS(1)
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.
PACKAGE/ORDERING INFORMATION
10-Pin MSOP (K10-1)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88903KC
K10-1
Commercial
903
Sn-Pb
SY88903KCTR(1)
K10-1
Commercial
903
Sn-Pb
SY88903KH
K10-1
Commercial
903 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88903KHTR(1)
K10-1
Commercial
903 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1. Tape and Reel.
1
/EN
DIN
/DIN
VREF
LOSLVL
10 VCC
DOUT
/DOUT
LOS
GND
9
8
7
6
2
3
4
5
MSOP
K10-1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com