Electronic Components Datasheet Search
  English  ▼

X  

SY88403BLEY Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88403BLEY
Description  3.3V 4.25Gbps CML Low-Power Limiting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88403BLEY Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88403BLEY Datasheet HTML 1Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 2Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 3Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 4Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 5Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 6Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 7Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 8Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
SY88403BL
November 2008
3
M9999-111808-F
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
(1)
Part Number
Package
Type
Operating
Range
Package
Marking
Lead
Finish
SY88403BLEY
K10-2
Industrial
403B with
Pb-Free bar-line indicator
Matte-Sn
SY88403BLEYTR
(2)
K10-2
Industrial
403B with
Pb-Free bar-line indicator
Matte-Sn
SY88403BLMG
QFN-16
Industrial
403B with
Pb-Free bar-line indicator
NiPdAu
Pb-Free
SY88403BLMGTR
(2)
QFN-16
Industrial
403B with
Pb-Free bar-line indicator
NiPdAu
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2. Tape and Reel.
Pin Configuration
10-Pin EPAD-MSOP (K10-2)
16-Pin QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com