Electronic Components Datasheet Search
  English  ▼

X  

INA138 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # INA138
Description  TXRX_982_R1 Evaluation Board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

INA138 Datasheet(HTML) 1 Page - Micrel Semiconductor

  INA138 Datasheet HTML 1Page - Micrel Semiconductor INA138 Datasheet HTML 2Page - Micrel Semiconductor INA138 Datasheet HTML 3Page - Micrel Semiconductor INA138 Datasheet HTML 4Page - Micrel Semiconductor INA138 Datasheet HTML 5Page - Micrel Semiconductor INA138 Datasheet HTML 6Page - Micrel Semiconductor INA138 Datasheet HTML 7Page - Micrel Semiconductor INA138 Datasheet HTML 8Page - Micrel Semiconductor INA138 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 2004
M9999-092304
hbwhelp@micrel.com or (408) 955-1690
SY88973/SY88982/MIC3001-Based
SFP Module
TXRX_982_R1 Evaluation Board
General Description
This evaluation board is an implementation of the
SFP module in a different form factor with on board
faults indicators (LEDs) and a DB-25 connector for
serial communication. The design uses Micrel's
MIC3001 controller, SY88982 (pin compatible with
SY88782 and SY88932) driver, and SY88973 limiting
amplifier.
A picture of the fully bonded board is
shown below.
Data sheets and support documentation can be found
on Micrel’s web site at www.micrel.com.
Related Support Documentation
•
MIC3001 Data Sheet
•
SY89307 Data Sheet
•
SY89973 Data Sheet
•
MIC3000/1 Software User’s Guide
Features
•
Allows for easy and fast evaluation of Micrel’s
chipset for SFP module
•
On board FAULTs indicators
•
Easy access to the components for rework and
different options implementation
IC Description
•
SY88982: Low power small form factor (3mm x
3mm) laser driver up to 3.2Gbps data rate and
2.3V compliance voltage. SY88782 is a lower
speed version up to 1.25Gbps.
•
MIC3001: SFP module controller featuring digital
diagnostic monitoring interface as per SFF-8472
with internal/external calibration and full laser
control with bias and modulation current
compensation for temperature variations using
look up tables.
•
SY88973: Multi-rate 155-3200Mbps low
sensitivity limiting amplifier.
______________________________________________________________________________
Evaluation Board
TOSA
DFB / FP
ROSA
DRIVER
INPUT
L.A.
OUTPUT


Similar Part No. - INA138

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138 TI2-INA138 Datasheet
1Mb / 28P
INA1x8 High-Side Measurement Current Shunt Monitor
REVISED DECEMBER 2017
INA138 TI2-INA138 Datasheet
1Mb / 31P
INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor
REVISED AUGUST 2018
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
More results

Similar Description - INA138

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
Evaluation Board
logo
Cirrus Logic
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
Evaluation Board
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
Evaluation Board
logo
Asahi Kasei Microsystem...
AK4116-B AKM-AK4116-B Datasheet
258Kb / 19P
Evaluation Board
AK4181A AKM-AK4181A Datasheet
234Kb / 17P
Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com