Electronic Components Datasheet Search
  English  ▼

X  

SY100S331JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S331JC
Description  TRIPLE D FLIP-FLOP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S331JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S331JC Datasheet HTML 1Page - Micrel Semiconductor SY100S331JC Datasheet HTML 2Page - Micrel Semiconductor SY100S331JC Datasheet HTML 3Page - Micrel Semiconductor SY100S331JC Datasheet HTML 4Page - Micrel Semiconductor SY100S331JC Datasheet HTML 5Page - Micrel Semiconductor SY100S331JC Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY100S331
Micrel, Inc.
M9999-060910
hbwhelp@micrel.com or (408) 955-1690
DCELECTRICALCHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current, All Inputs
—
—
200
µA
VIN = VIH (Max.)
IEE
Power Supply Current
–80
–65
–35
mA
Inputs Open
ACELECTRICALCHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
TA=0°CTA=+25°CTA=+85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.Max.UnitCondition
fmax
Toggle Frequency
800
—
800
—
800
—
MHz
tPLH
Propagation Delay
300
700
300
700
300
700
ps
tPHL
CPc to Output
tPLH
Propagation Delay
300
700
300
700
300
700
tPHL
CPn to Output
tPLH
Propagation Delay
300
800
300
800
300
800
tPHL
CDn, SDn to Output
tPLH
Propagation Delay
300
900
300
900
300
900
tPHL
MS, MR to Output
tTLH
Transition Time
300
900
300
900
300
900
tTHL
20% to 80%, 80% to 20%
tS
Set-up Time
ps
Dn
400
—
400
—
400
—
CDn, SDn (Release Time)
500
—
500
—
500
—
MS, MR (Release Time)
800
—
800
—
800
—
tH
Hold Time Dn
300
—
300
—
300
—
tpw (H)
Pulse Width HIGH
800
—
800
—
800
—
CPn, CPc, DCn
SDn, MR, MS
ps
ps
ps
ps
ps
ps
TA=-40°C
Min.
Max.
800
800
800
300
700
300
300
300
300
700
800
900
900
300
400
500



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com