Electronic Components Datasheet Search
  English  ▼

X  

SY100S313JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S313JC
Description  QUAD DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S313JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S313JC Datasheet HTML 1Page - Micrel Semiconductor SY100S313JC Datasheet HTML 2Page - Micrel Semiconductor SY100S313JC Datasheet HTML 3Page - Micrel Semiconductor SY100S313JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY100S313
Micrel, Inc.
M9999-042307
hbwhelp@micrel.com or (408) 955-1690
LOGIC EQUATION
O = D + E
O = D + E
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current, All Inputs
——
200
µAVIN = VIH (Max.)
IEE
Power Supply Current
–60
–43
–20
mA
Inputs Open
AC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
200
800
200
800
200
800
ps
tPHL
Data to Output
tPLH
Propagation Delay
300
950
300
950
300
950
ps
tPHL
Enable to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
TIMING DIAGRAM
Propagation Delay and Transition Times
20%
80%
OUTPUT
INPUT
50%
tPLH
tPHL
50%
20%
80%
50%
tPHL
tPLH
tTLH
tTHL
TRUE
COMPLEMENT
0.7 ± 0.1 ns
0.7 ± 0.1 ns
–0.95V
–1.69V
NOTE:
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com