Electronic Components Datasheet Search
  English  ▼

X  

BAV99 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # BAV99
Description  Dual Series Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAV99 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  BAV99 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAV99 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAV99 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dual Series Switching Diode
BAV99
SOT–23
3
CAHODE/ANODE
1
ANODE
2
CATHODE
MAXIMUM RATINGS (EACH DIODE)
RoHS product for packing code suffix "G",
Halogen free product for packing code suffix "H"
Weight: 0.008g
.
Rating
Symbol
Value
Unit
Reverse Voltage
V R
70
Vdc
Forward Current
I F
215
mAdc
Peak Forward Surge Current
I FM(surge)
500
mAdc
Repetitive Peak Reverse Voltage
V RRM
70
V
Average Rectified Forward Current (1)
I F(AV)
715
mA
(averaged over any 20 ms period)
Repetitive Peak Forward Current
I FRM
450
mA
Non–Repetitive Peak Forward Current
I FSM
A
t = 1.0
µ s
2.0
t = 1.0 ms
1.0
t = 1.0 S
0.5
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
P D
225
mW
FR–5 Board, (1) T A = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) T A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–65 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage(I (BR) = 100
µA)
V (BR)
70
—
Vdc
Reverse Voltage Leakage Current (V R = 70 Vdc)
I R
—
2.5
µAdc
(V R = 25 Vdc, T J = 150°C)
––
30
(V R = 70 Vdc, T J = 150°C)
––
50
Diode Capacitance
C D
—
1.5
pF
(V R = 0, f = 1.0 MHz)
Forward Voltage (I F = 1.0 mAdc)
V F
––
715
mVdc
(I F = 10 mAdc)
—
855
(I F = 50 mAdc)
––
1000
(I F = 150 mAdc)
––
1250
Reverse Recovery Time
(I F = I R = 10 mAdc, i R(REC) = 1.0 mAdc, R L = 100
Ω ) (Figure 1)
t rr
—
6.0
ns
Forward Recovery Voltage
(I F = 10 mA, t r = 20 ns)
V FR
—
1.75
V
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
.
BAV99
A7
3000 Tape & Reel
Device
Marking
Shipping
•
DEVICE MARKING ORDERING INFORMATION
•
WILLAS


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAV99LT1 LRC-BAV99LT1 Datasheet
54Kb / 2P
Dual Series Switching Diode
LBAV99LT1 LRC-LBAV99LT1 Datasheet
109Kb / 3P
Dual Series Switching Diode
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
Dual Series Switching Diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99 Datasheet
218Kb / 3P
Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1G LRC-LBAV99LT1G_15 Datasheet
95Kb / 4P
Dual Series Switching Diode
logo
CHENG-YI ELECTRONIC CO....
BAV99W-WS CHENG-YI-BAV99W-WS Datasheet
281Kb / 4P
DUAL SERIES SWITCHING DIODE
logo
ON Semiconductor
BAV99L ONSEMI-BAV99L Datasheet
80Kb / 3P
Dual Series Switching Diode
October, 2016 ??Rev. 12
BAV199L ONSEMI-BAV199L Datasheet
85Kb / 4P
Dual Series Switching Diode
October, 2016 ??Rev. 10
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
Dual series switching diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99_V01 Datasheet
769Kb / 3P
Dual Series Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com