Electronic Components Datasheet Search
  English  ▼

X  

DB107S Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # DB107S
Description  SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

DB107S Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  DB107S Datasheet HTML 1Page - WILLAS ELECTRONIC CORP DB107S Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FEATURES
* Surge overload rating - 50 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Weight:
0. 378 grams
* Epoxy : Device has UL flammability classification 94V-0
* UL listed the recognized component directory, file #E
195711
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DB101S
THRU
DB107S
Dimensions in inches and (millimeters)
DB-S
.255 (6.5)
.310 (7.9)
.290 (7.4)
.245 (6.2)
.042 (1.1)
.038 (1.0)
.013 (.330)
.009
.003 (.076)
.410 (10.4)
.060 (1.524)
.040 (1.016)
.360 (9.4)
(.229)
.335 (8.51)
.315 (8.00)
.195 (5.0)
.205 (5.2)
.134 (3.4)
.091 (2.3)
MECHANICAL DATA
MAXIMUM RATINGS (At TA = 25℃ unless otherwise noted)
RATINGS
SYMBOL
DB101S
DB102S
DB103S
DB104S
DB105S
DB106S
DB107S
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Output Current at TA = 40℃
IO
1
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
40
Amps
Rating for fusing (t<8.3ms)
I2t
6.6
A2S
Typical Thermal Resistance
R θ JA
40
R θ JL
15
(Note 2)
R θ JC
10
℃
/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to + 150
℃
ELECTRICAL CHARACTERISTICS (At TA = 25℃ unless otherwise noted)
CHARACTERISTICS
SYMBOL
DB101S
DB102S
DB103S
DB104S
DB105S
DB106S
DB107S
UNITS
Element at 1.0A DC Maximum Forward Voltage Drop per Bridge
VF
1.1
Volts
@TA = 25℃
5
uAmps
Maximum Reverse Current at rated
DC Blocking Voltage per element
@TA = 125℃
IR
0.5
mAmps
NOTE: 1.Suffix “-s” Surface Mount for Dip Bridge.
2.Units mounted on P.C.B.with 0.5x0.5” (13x13mm) copper pads.
*
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
WILLAS
SILICON SURFACE MOUNT BRIDGE RECTIFIER


Similar Part No. - DB107S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB107S RECTRON-DB107S Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB107S BYTES-DB107S Datasheet
150Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dc Components
DB107S DCCOM-DB107S Datasheet
424Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB107S FORMOSA-DB107S Datasheet
68Kb / 2P
Glass passivated type
logo
List of Unclassifed Man...
DB107S ETC-DB107S Datasheet
61Kb / 2P
Single Phase 1.0 A Glass Passivated Bridge Rectifiers
More results

Similar Description - DB107S

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
DF005S CDIL-DF005S Datasheet
144Kb / 3P
SINGLE PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Pan Jit International I...
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E91201A GOOD-ARK-E91201A Datasheet
357Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91205A GOOD-ARK-E91205A Datasheet
375Kb / 4P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
DB101S-DB-S YFWDIODE-DB101S-DB-S Datasheet
531Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
DB151S-2S-DB-S YFWDIODE-DB151S-2S-DB-S Datasheet
522Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
logo
Suntan Capacitors
DB151S SUNTAN-DB151S Datasheet
219Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com