Electronic Components Datasheet Search
  English  ▼

X  

SMBJ Datasheet(PDF) 3 Page - WILLAS ELECTRONIC CORP

Part # SMBJ
Description  600W SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SMBJ Datasheet(HTML) 3 Page - WILLAS ELECTRONIC CORP

  SMBJ Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SMBJ Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SMBJ Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SMBJ Datasheet HTML 4Page - WILLAS ELECTRONIC CORP SMBJ Datasheet HTML 5Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
600W SURFACE MOUNT GPP
TRANSIENT VOLTAGE SUPPRESSOR
SMB PACKAGE
REVERSE BREAKDOWN BREAKDOWN
MAXIMUN
PEAK
REVERSE
STAND-
VOLTAGE
VOLTAGE
CLAMPING
PULSE
LEAKAGE
OFF
VBR(V)
VBR(V)
CURRENT VOLTAGE CURRENT @VRWM IR
VOLTAGE
MIN.@IT
MAX.@IT
IT( mA)
@IPP Vc(V)
IPP (A)
( μA )
UNI_POLAR
BI-POLAR
UNI
BI
VRRM(V)
SMBJ64A
SMBJ64CA
NM
DM
64.0
71.10
78.60
1
103.0
5.9
5
SMBJ70A
SMBJ70CA
NP
DP
70.0
77.80
86.00
1
113.0
5.3
5
SMBJ75A
SMBJ75CA
NR
DR
75.0
83.30
92.10
1
121.0
5.0
5
SMBJ78A
SMBJ78CA
NT
DT
78.0
86.70
95.80
1
126.0
4.8
5
SMBJ85A
SMBJ85CA
NV
DV
85.0
94.40
104.00
1
137.0
4.4
5
SMBJ90A
SMBJ90CA
NX
DX
90.0
100.00
111.00
1
146.0
4.1
5
SMBJ100A SMBJ100CA
NZ
DZ
100.0
111.00
123.00
1
162.0
3.7
5
SMBJ110A SMBJ110CA
PE
EE
110.0
122.00
135.00
1
177.0
3.4
5
SMBJ120A SMBJ120CA
PG
EG
120.0
133.00
147.00
1
193.0
3.1
5
SMBJ130A SMBJ130CA
PK
EK
130.0
144.00
159.00
1
209.0
2.9
5
SMBJ150A SMBJ150CA
PM
EM
150.0
167.00
185.00
1
243.0
2.5
5
SMBJ160A SMBJ160CA
PP
EP
160.0
178.00
197.00
1
259.0
2.3
5
SMBJ170A SMBJ170CA
PR
ER
170.0
189.00
209.00
1
275.0
2.2
5
SMBJ180A SMBJ180CA
PT
ET
180.0
201.00
222.00
1
292.0
2.1
5
SMBJ200A SMBJ200CA
PV
EV
200.0
224.00
247.00
1
324.0
1.9
5
SMBJ220A SMBJ220CA
PX
EX
220.0
246.00
272.00
1
356.0
1.7
5
SMBJ250A SMBJ250CA
PZ
EZ
250.0
279.00
309.00
1
405.0
1.5
5
SMBJ300A SMBJ300CA
QE
FE
300.0
335.00
371.00
1
486.0
1.3
5
SMBJ350A SMBJ350CA
QG
FG
350.0
391.00
432.00
1
567.0
1.1
5
SMBJ400A SMBJ400CA
QK
FK
400.0
447.00
494.00
1
648.0
0.9
5
SMBJ440A SMBJ440CA
QM
FM
440.0
492.00
543.00
1
713.0
0.9
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
2009.9
PART NUMBER
CODE
WILLAS
TVS
SMBJ
SERIES
SMBJ
DEVICE
TEST
MARKING
WILLAS ELECTRONIC CORP.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com