Electronic Components Datasheet Search
  English  ▼

X  

LTC3600 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3600
Description  15V, 1.5A Synchronous Rail-to-Rail Single Resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3600 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3600 Datasheet HTML 17Page - Linear Technology LTC3600 Datasheet HTML 18Page - Linear Technology LTC3600 Datasheet HTML 19Page - Linear Technology LTC3600 Datasheet HTML 20Page - Linear Technology LTC3600 Datasheet HTML 21Page - Linear Technology LTC3600 Datasheet HTML 22Page - Linear Technology LTC3600 Datasheet HTML 23Page - Linear Technology LTC3600 Datasheet HTML 24Page - Linear Technology LTC3600 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC3600
21
3600fb
TYPICAL APPLICATIONS
LED Driver with Programmable Dimming Control
50μA
10μF
100k
0.1μF
0.1Ω
22μF
10μH*
VIN
ISET
RUN
BOOST
SW
LTC3600
PWM
CONTROL
AND
SWITCH
DRIVER
8
5
7
9
1
11
VOUT
0k TO 1k
(LED CURRENT: 20mA TO 500mA)
15V
1μF
INTVCC
RT
PGFB
ITH
PGOOD
MODE/
SYNC
6
10
3
4
2
12
IOUT
**
GND
13
TDK LTF5022T-100M1R4-LC
LUXEON LXML-PWN1-0100
*
**
3600 TA05
–
+
ERROR
AMP
High Efficiency 12V Audio Driver
50μA
10μF
0.1μF
8Ω
SPEAKER
10μF
10μF
4.7μH
4.7μF
VIN
ISET
RUN
BOOST
SW
LTC3600
PWM
CONTROL
AND
SWITCH
DRIVER
8
5
7
9
1
11
VOUT
12V
1μF
INTVCC
RT
PGFB
ITH
PGOOD
MODE/
SYNC
120k
10nF
AUDIO
SIGNAL
220pF
6
10
3
4
2
12
3600 TA06
3k
GND
13
–
+
ERROR
AMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com