Electronic Components Datasheet Search
  English  ▼

X  

LTC5590 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC5590
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5590 Datasheet(HTML) 4 Page - Linear Technology

  LTC5590 Datasheet HTML 1Page - Linear Technology LTC5590 Datasheet HTML 2Page - Linear Technology LTC5590 Datasheet HTML 3Page - Linear Technology LTC5590 Datasheet HTML 4Page - Linear Technology LTC5590 Datasheet HTML 5Page - Linear Technology LTC5590 Datasheet HTML 6Page - Linear Technology LTC5590 Datasheet HTML 7Page - Linear Technology LTC5590 Datasheet HTML 8Page - Linear Technology LTC5590 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC5592
4
5592f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
RF = 2350MHz
7.1
dB
Input 3rd Order Intercept
RF = 2350MHz
22.3
dBm
SSB Noise Figure
RF = 2350MHz
10.2
dB
Input 1dB Compression
RF = 2350MHz, VCCIF = 3.3V
RF = 2350MHz, VCCIF = 5V
11.3
12.6
dBm
dBm
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC5592 is guaranteed functional over the case operating
temperature range of –40°C to 105°C (
θJC = 7°C/W).
Note 3: SSB Noise Figure measured with a small-signal noise source,
bandpass filter and 6dB matching pad on RF input, bandpass filter and
6dB matching pad on the LO input, and no other RF signals applied.
Note 4: Channel A to channel B isolation is measured as the relative IF
output power of channel B to channel A, with the RF input signal applied to
channel A. The RF input of channel B is 50Ω terminated and both mixers
are enabled.
AC ELECTRICAL CHARACTERISTICS
VCC = 3.3V, VCCIF = 3.3V, ENA = ENB = High, TC = 25°C, PLO = 0dBm,
PRF = –3dBm (Δf = 2MHz for two tone IIP3 tests), unless otherwise noted. Test circuit shown in Figure 1. (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SSB Noise Figure Under Blocking
fRF = 2400MHz, fLO = 2210MHz, fBLOCK = 2500MHz
PBLOCK = 5dBm
PBLOCK = 10dBm
15.3
21.2
dB
dB
2RF-2LO Output Spurious Product
(fRF = fLO + fIF/2)
fRF = 2255MHz at –10dBm, fLO = 2160MHz,
fIF = 190MHz
–68
dBc
3RF-3LO Output Spurious Product
(fRF = fLO + fIF/3)
fRF = 2223.33MHz at –10dBm, fLO = 2160MHz,
fIF = 190MHz
–74
dBc
Input 1dB Compression
fRF = 2350MHz, VCCIF = 3.3V
fRF = 2350MHz, VCCIF = 5V
11
14.6
dBm
dBm
Low Side LO Downmixer Application: ISEL = Low, RF = 1900MHz to 2700MHz, IF = 190MHz, fLO = fRF – fIF
Low Power Mode, Low Side LO Downmixer Application: ISEL = High, RF = 1900MHz to 2700MHz, IF = 190MHz, fLO = fRF – fIF
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
RF = 1750MHz
RF = 1950MHz
RF = 2150MHz
9.1
8.7
8.3
dB
dB
dB
Conversion Gain Flatness
RF = 1950 ±30MHz, LO = 2140MHz, IF = 190 ±30MHz
±0.33
dB
Conversion Gain vs Temperature
TC = –40ºC to 105ºC, RF = 1900MHz
–0.005
dB/°C
Input 3rd Order Intercept
RF = 1750MHz
RF = 1950MHz
RF = 2150MHz
25.3
25.4
25.1
dBm
dBm
dBm
SSB Noise Figure
RF = 1750MHz
RF = 1950MHz
RF = 2150MHz
9.2
9.8
10.4
dB
dB
dB
SSB Noise Figure Under Blocking
fRF = 1950MHz, fLO = 2140MHz, fBLOCK = 1850MHz
PBLOCK = 5dBm
PBLOCK = 10dBm
16.5
22.7
dB
dB
2LO-2RF Output Spurious Product
(fRF = fLO – fIF/2)
fRF = 2045MHz at –10dBm, fLO = 2140MHz,
fIF = 190MHz
–68
dBc
3LO-3RF Output Spurious Product
(fRF = fLO – fIF/3)
fRF = 2076.67MHz at –10dBm, fLO = 2140MHz,
fIF = 190MHz
–75
dBc
Input 1dB Compression
RF = 1950MHz, VCCIF = 3.3V
RF = 1950MHz, VCCIF = 5V
10.6
14.0
dBm
dBm
High Side LO Downmixer Application: ISEL = Low, RF = 1600MHz to 2300MHz, IF = 190MHz, fLO = fRF + fIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com