Electronic Components Datasheet Search
  English  ▼

X  

CDM-12008 Datasheet(PDF) 1 Page - CUI INC

Part # CDM-12008
Description  metal frame
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CDM-12008 Datasheet(HTML) 1 Page - CUI INC

  CDM-12008 Datasheet HTML 1Page - CUI INC CDM-12008 Datasheet HTML 2Page - CUI INC CDM-12008 Datasheet HTML 3Page - CUI INC CDM-12008 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 11/08/2011
page 1 of 4
cui.com
MODEL: CDM-12008
│ DESCRIPTION: SPEAKER
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
diameter
12
mm
depth
3.0
mm
input power
max. power: IEC-60268-5, filter 60 s on / 120 s
off, 10 cycles at room temp
0.5
0.6
W
impedance
at 1.5 kHz, 1 V
6.8
8
9.2
Ω
resonant frequency
at 1 V
800
1000
1,200
Hz
sound pressure level
0.5 W, 10 cm ave. at 1.2, 1.5, 2.0, 2.5 kHz
1 W, 1 m ave. at 1.2, 1.5, 2.0, 2.5 kHz
87
74
90
77
93
80
dB
dB
response
20,000
Hz
distortion
at 1.5 kHz, 0.5 W
10
%
buzz, rattle, etc.
must be normal at sine wave 2.0 V
magnet size
size: 6.9 x 1.0 mm
operating temperature
-25
55
°C
weight
1.0
g
material
metal
RoHS
yes
FEATURES
•
metal frame
•mylar cone
RoHS
MECHANICAL DRAWING
units: mm
tolerance: ± 0.3mm
12.0 0.472
0.118
0.2
3.00
8.6 0.339
-
+
POINT
SOLDERING
DATE STAMP
01(MONTH)
11(YEAR)
CUI
0111
SOLDERABILITY
parameter
conditions/description
hand soldering
370 ±10°C for 3 ±1 seconds


Similar Part No. - CDM-12008

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CDM-12008 CUID-CDM-12008 Datasheet
1Mb / 4P
SPEAKER
08/05/2022
More results

Similar Description - CDM-12008

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BG16032A BOLYMIN-BG16032A Datasheet
111Kb / 1P
COB with metal frame
logo
CUI INC
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
metal frame
CDM-13008 CUI-CDM-13008 Datasheet
886Kb / 4P
metal frame
CDM-16008 CUI-CDM-16008 Datasheet
1Mb / 4P
metal frame
CDM-20008 CUI-CDM-20008 Datasheet
1Mb / 4P
metal frame
logo
Bolymin, Inc
BC1004A BOLYMIN-BC1004A_17 Datasheet
474Kb / 1P
COB with metal Frame
BC1602E BOLYMIN-BC1602E_17 Datasheet
515Kb / 1P
COB with metal Frame
BC2004A20C BOLYMIN-BC2004A20C_17 Datasheet
405Kb / 1P
COB with metal Frame
BC2402A BOLYMIN-BC2402A_17 Datasheet
512Kb / 1P
COB with metal Frame
BG12232A BOLYMIN-BG12232A_17 Datasheet
539Kb / 1P
COB with Metal Frame
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com