Electronic Components Datasheet Search
  English  ▼

X  

CDM-15008 Datasheet(PDF) 1 Page - CUI INC

Part # CDM-15008
Description  spring contacts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CDM-15008 Datasheet(HTML) 1 Page - CUI INC

  CDM-15008 Datasheet HTML 1Page - CUI INC CDM-15008 Datasheet HTML 2Page - CUI INC CDM-15008 Datasheet HTML 3Page - CUI INC CDM-15008 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 11/15/2011
page 1 of 4
cui.com
MODEL: CDM-15008
│ DESCRIPTION: SPEAKER
3.0 0.118
4.5 0.177
1.0 0.039
4.3 0.169
0.2
(working height)
11.15 0.439
MAX 3.0
3.5 0.138
(free height)
0.3
0.201
0.2
0.037
5.1
0.95
3.2 0.126
NON-WOVEN
FABRIC
-
3.6 0.142
DATE STAMP
01(MONTH)
11(YEAR)
PAD LAYOUT
+
BLACK
POLYESTER
15.0 0.591
0.2
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
diameter
15
mm
depth
5.1
mm
input power
max. power: IEC-60268-5, filter 60 s on / 120 s
off, 10 cycles at room temp
0.25
0.5
W
impedance
at 1.2 kHz, 1 V
6.8
8
9.2
Ω
resonant frequency
at 1 V
720
900
1,080
Hz
sound pressure level
0.25 W, 10 cm ave. at 1, 1.2, 1.5, 2.0 kHz
1 W, 1 m ave. at 1, 1.2, 1.5, 2.0 kHz
84
71
87
74
90
77
dB
dB
response
20,000
Hz
distortion
at 1.2 kHz, 0.25 W
10
%
buzz, rattle, etc.
must be normal at sine wave 1.41 V
operating temperature
-20
55
°C
weight
1.2
g
material
metal
RoHS
yes
FEATURES
•
metal frame
•mylar cone
•spring contacts
RoHS
MECHANICAL DRAWING
units: mm
tolerance: ± 0.5mm


Similar Part No. - CDM-15008

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
metal frame
logo
CUI Devices
CDM-10008 CUID-CDM-10008 Datasheet
870Kb / 4P
SPEAKER
03/31/2023
logo
Merrimac Industries, In...
CDM-10M-.75G MERRIMAC-CDM-10M-.75G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
CDM-10M-1.5G MERRIMAC-CDM-10M-1.5G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
CDM-10M-10G MERRIMAC-CDM-10M-10G Datasheet
83Kb / 2P
DUAL DIRECTIONAL COUPLERS
More results

Similar Description - CDM-15008

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0906-0-15-20-76-14-11-0 MILL-MAX-0906-0-15-20-76-14-11-0 Datasheet
400Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0950-0-15-20-71-14-11-0 MILL-MAX-0950-0-15-20-71-14-11-0 Datasheet
219Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0850-0-15-20-83-14-11-0 MILL-MAX-0850-0-15-20-83-14-11-0 Datasheet
205Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0910-0-57-20-76-14-11-0 MILL-MAX-0910-0-57-20-76-14-11-0 Datasheet
308Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0905 MILL-MAX-0905 Datasheet
145Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
Tensility International...
50-00052 TENSILITY-50-00052 Datasheet
339Kb / 2P
Connector, dc plug, 3.2x0.9xL20.2mm molding style, spring contacts
50-00066 TENSILITY-50-00066 Datasheet
360Kb / 3P
Connector, dc plug, 3.5x1.1xL17.5 mm, spring contacts, 3 conductors
50-00080 TENSILITY-50-00080 Datasheet
345Kb / 2P
Connector, dc plug, 3.0x1.1xL20.0 mm, molding style, spring contacts
logo
List of Unclassifed Man...
12ACC12T4V10 ETC2-12ACC12T4V10 Datasheet
1Mb / 8P
Highly reliable spring contacts for
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com