| Electronic Components Datasheet Search |
|
MICRF620TR Datasheet(PDF) 16 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MICRF620TR Datasheet(HTML) 16 Page - Micrel Semiconductor |
|
16 / 21 page ![]() Micrel, Inc. MICRF620/MICRF620Z July 2006 16 M9999-120205 The FEE can operate in three different modes; counting only UP-pulses, only DN-pulses or counting UP+DN pulses. The no. of received symbols to be counted is either 8, 16, 32 or 64. This is set by the FEEC_0…FEEC_3 control bit, as follows: RSSI A6..A0 D7 D6 D5 D4 D3 D2 D1 D0 0000001 ‘1’ ‘0’ ‘0’ ‘0’ RSSI_en LD_en PF_FC1 PF_FC0 RSSI 33kohm, 1nF, 20kbps, BW=200kHz, Vdd=2.5V 0,5 0,75 1 1,25 1,5 1,75 2 2,25 -120 -110 -100 -90 -80 -70 -60 -50 Input power [dBm] FEEC_1 FEEC_0 FEE Mode 0 0 Off 0 1 Counting UP pulses 1 0 Counting DN pulses 1 1 Counting UP and DN pulses. UP increments the counter, DN decrements it. FEEC_3 FEEC_2 No. of symbols used for the measurement 0 0 8 0 1 16 1 0 32 1 1 65 Figure 10. RSSI Voltage A Typical plot of the RSSI voltage as function of input power is shown in Figure 10. The RSSI has a dynamic range of about 50dB from about -110dBm to -60dBm input power. Table 8. FEEC Control Bit The result of the measurement is the FEE value, this can be read from register with address 0010110b. Negative values are stored as a binary no between 0000000 and 1111111. To calculate the negative value, a two’s complement of this value must be performed. Only FEE modes where DN-pulses are counted (10 and 11) will give a negative value. The RSSI can be used as a signal presence indicator. When a RF signal is received, the RSSI output increases. This could be used to wake up circuitry that is normally in a sleep mode configuration to conserve battery life. Another application for which the RSSI could be used is to determine if transmit power can be reduced in a system. If the RSSI detects a strong signal, it could tell the transmitter to reduce the transmit power to reduce current consumption. When the FEE value has been read, the frequency offset can be calculated as follows: Mode UP: Foffset = R/(2P)x(FEE-∆Fp) Mode DN: Foffset = R/(2P)x(FEE+∆Fp) FEE Mode UP+DN: Foffset = R/(4P)x(FEE) A6..A0 D7 D6 D5 D4 D3 D2 D1 D0 0010101 - - - - FEEC_3 FEEC_2 FEEC_1 FEEC_0 0010110 FEE_7 FEE_6 FEE_5 FEE_4 FEE_3 FEE_2 FEE_1 FEE_0 where FEE is the value stored in the FEE register, (Fp is the single sided frequency deviation, P is the no. of symbols/data bit counted and R is the symbol/data rate. A positive Foffset means that the received signal has a higher frequency than the receiver frequency. To compensate for this, the receivers XCO frequency should be increased. The Frequency Error Estimator (FEE) uses information from the demodulator to calculate the frequency offset between the receive frequency and the transmitter frequency. The output of the FEE can be used to tune the XCO frequency, both for production calibration and for compensation for crystal temperature drift and aging. It is recommended to use Mode UP+DN for two reasons, you do not need to know the actual frequency deviation and this mode gives the best accuracy. The input to the FEE circuit are the up and down pulses from the demodulator. Every time a ‘1’ is updated, an UP- pulse is coming out of the demodulator and the same with the DN-pulse every time the ‘0’ is updated. The expected no. of pulses for every received symbol is 2 times the modulation index (∆). |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |