Electronic Components Datasheet Search
  English  ▼

X  

MICRF506YML Datasheet(PDF) 38 Page - Micrel Semiconductor

Part # MICRF506YML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506YML Datasheet(HTML) 38 Page - Micrel Semiconductor

Back Button MICRF506YML Datasheet HTML 34Page - Micrel Semiconductor MICRF506YML Datasheet HTML 35Page - Micrel Semiconductor MICRF506YML Datasheet HTML 36Page - Micrel Semiconductor MICRF506YML Datasheet HTML 37Page - Micrel Semiconductor MICRF506YML Datasheet HTML 38Page - Micrel Semiconductor MICRF506YML Datasheet HTML 39Page - Micrel Semiconductor MICRF506YML Datasheet HTML 40Page - Micrel Semiconductor MICRF506YML Datasheet HTML 41Page - Micrel Semiconductor MICRF506YML Datasheet HTML 42Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Micrel
MICRF506BML/YML
July 2006
38
M9999-092904
+1 408-944-0800
6
---------
Reserved/not in use
5
A1_5
A1-counter 6.bit
4
A1_4
A1-counter 5.bit
3
A1_3
A1-counter 4.bit
2
A1_2
A1-counter 3.bit
1
A1_1
A1-counter 2.bit
0
A1_0
A1-counter 1.bit
0010000
7
---------
Reserved/not in use
6
---------
Reserved/not in use
5
---------
Reserved/not in use
4
---------
Reserved/not in use
3
N1_11
N1-counter 12.bit
2
N1_10
N1-counter 11.bit
1
N1_9
N1-counter 10.bit
0
N1_8
N1-counter 9.bit
0010001
7
N1_7
N1-counter 8.bit
6
N1_6
N1-counter 7.bit
5
N1_5
N1-counter 6.bit
4
N1_4
N1-counter 5.bit
3
N1_3
N1-counter 4.bit
2
N1_2
N1-counter 3.bit
1
N1_1
N1-counter 2.bit
0
N1_0
N1-counter 1.bit
0010010
7
---------
Reserved/not in use
6
---------
Reserved/not in use
5
---------
Reserved/not in use
4
---------
Reserved/not in use
3
M1_11
M1-counter 12.bit
2
M1_10
M1-counter 11.bit
1
M1_9
M1-counter 10.bit
0
M1_8
M1-counter 9.bit
0010011
7
M1_7
M1-counter 8.bit
6
M1_6
M1-counter 7.bit
5
M1_5
M1-counter 6.bit
4
M1_4
M1-counter 5.bit
3
M1_3
M1-counter 4.bit
2
M1_2
M1-counter 3.bit
1
M1_1
M1-counter 2.bit
0
M1_0
M1-counter 1.bit
0010100
7
Div2_HI
“1” mandatory. Sets high bias current in Div2 circuit
6
LO_IB1
“0” mandatory. Bias current setting of LObuffer, MSB
5
LO_IB0
“1” mandatory. Bias current setting of LObuffer, LSB
4
PA_IB4
“0” mandatory. Bias current setting of PA,MSB
3
PA_IB3
“0” mandatory. Bias current setting of PA
2
PA_IB2
“0” mandatory. Bias current setting of PAbuffer, MSB
Ref. Table 9
1
PA_IB1
“1” mandatory. Bias current setting of PAbuffer
Ref. Table 9
0
PA_IB0
“1” mandatory. Bias current setting of PAbuffer, LSB
Ref. Table 9
0010101
7
---------
Reserved/not in use
6
---------
Reserved/not in use
5
---------
Reserved/not in use
4
---------
Reserved/not in use
3
FEEC_3
FEE control bit
Ref. Table 11
2
FEEC_2
FEE control bit
Ref. Table 11
1
FEEC_1
FEE control bit
Ref. Table 10
0
FEEC_0
FEE control bit
Ref. Table 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com