Electronic Components Datasheet Search
  English  ▼

X  

MIC61300YML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC61300YML
Description  Low Input Voltage, Single-Supply High-Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC61300YML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC61300YML Datasheet HTML 1Page - Micrel Semiconductor MIC61300YML Datasheet HTML 2Page - Micrel Semiconductor MIC61300YML Datasheet HTML 3Page - Micrel Semiconductor MIC61300YML Datasheet HTML 4Page - Micrel Semiconductor MIC61300YML Datasheet HTML 5Page - Micrel Semiconductor MIC61300YML Datasheet HTML 6Page - Micrel Semiconductor MIC61300YML Datasheet HTML 7Page - Micrel Semiconductor MIC61300YML Datasheet HTML 8Page - Micrel Semiconductor MIC61300YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Micrel, Inc.
MIC61300
October 2011
5
M9999-101111-B
Typical Characteristics
Dropout Voltage
vs. Input Voltage
0
50
100
150
200
250
300
1.0
1.5
2.0
2.5
3.0
3.5
4.0
INPUT VOLTAGE (V)
ADJUSTABLE OPTION
VFB = 0V
IOUT = 3A
IOUT = 100mA
IOUT = 1.5A
GND Pin Current
vs. Input Voltage
0
4
8
12
16
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
INPUT VOLTAGE (V)
VIN = VOUT + 0.4V
IOUT = 3A
Shutdown Ground Current
vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.0
2.0
3.0
4.0
INPUT VOLTAGE (V)
VOUT = 0V
VEN = 0V
Feedback Voltage
vs. Input Voltage
0.490
0.495
0.500
0.505
0.510
1.0
1.5
2.0
2.5
3.0
3.5
4.0
INPUT VOLTAGE (V)
VOUT = 1.0V
IOUT = 10mA
Feedback Pin Current
vs. Input Voltage
0
5
10
15
20
25
30
1.0
1.5
2.0
2.5
3.0
3.5
4.0
INPUT VOLTAGE (V)
IOUT = 0A
VFB = 0.5V
Load Regulation
vs. Input Voltage
-0.10
-0.05
0.00
0.05
0.10
1.0
1.5
2.0
2.5
3.0
3.5
4.0
INPUT VOLTAGE (V)
VOUT = 1.0V
IOUT = 10mA to 3A
Short-Circuit Current
vs. Input Voltage
0
2
4
6
8
10
1.0
1.5
2.0
2.5
3.0
3.5
4.0
INPUT VOLTAGE (V)
VOUT = 0V
Enable Pin Current
vs. Input Voltage
0
5
10
15
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
INPUT VOLTAGE (V)
VOUT = 1.0V
IOUT = 10mA
VEN = 3.6V
Charge Pump Voltage
vs. Input Voltage
0
2
4
6
8
10
01
23
4
INPUT VOLTAGE (V)
VOUT = 0.5V
IOUT = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com