Electronic Components Datasheet Search
  English  ▼

X  

MIC61300 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC61300
Description  Low Input Voltage, Single-Supply High-Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC61300 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC61300 Datasheet HTML 11Page - Micrel Semiconductor MIC61300 Datasheet HTML 12Page - Micrel Semiconductor MIC61300 Datasheet HTML 13Page - Micrel Semiconductor MIC61300 Datasheet HTML 14Page - Micrel Semiconductor MIC61300 Datasheet HTML 15Page - Micrel Semiconductor MIC61300 Datasheet HTML 16Page - Micrel Semiconductor MIC61300 Datasheet HTML 17Page - Micrel Semiconductor MIC61300 Datasheet HTML 18Page - Micrel Semiconductor MIC61300 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Micrel, Inc.
MIC61300
October 2011
15
M9999-101111-B
MIC61300YML Evaluation Board Schematic (3mm
× 3mm 10-Pin ePad MLF®)
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
C0805ZD106KAT2A
AVX
(1)
10µF/10V Ceramic Capacitor, X5R,Size 0805
1
C2
C3216X5ROJ476M
TDK
(2)
47µF/6.3V Ceramic Capacitor, X5R, Size 1206 or
1
GRM31Cr60J476ME19L
Murata
(3)
47µF/6.3V Ceramic Capacitor, X5R, Size 1206 or
12066D476MAT2A
AVX
(1)
47µF/6.3V Ceramic Capacitor, X5R, Size 1206
C3
C06035C104KAT2A
AVX
(1)
0.1µF/50V Ceramic Capacitor, X7R, Size 0603
1
GRM188R71H104KA93D
Murata
(3)
0.1µF/50V Ceramic Capacitor, X7R, Size 0603
R1
CRCW080569R8F
Vishay
(5)
69.8Ω Film Resistor, Size 0805, 1%
1
R2
CRCW080549R9F
Vishay
(5)
49.9Ω Film Resistor, Size 0805, 1%
1
R3
CRCW08051002F
Vishay
(5)
10kΩ Film Resistor, Size 0805, 1%
1
R4
CRCW080500R0F
Vishay
(5)
0Ω Film Resistor, Size 0805, 1%
1
U1
MIC61300YML
Micrel, Inc.
(6)
3A Low-Voltage, Single-Supply LDO
1
Notes:
1. AVX: www.avx.com.
2. TDK: www.tdk.com.
3. Murata: www.murata.com.
4. Vishay: www.vishay.com.
5. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com