Electronic Components Datasheet Search
  English  ▼

X  

MIC23155 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC23155
Description  3MHz PWM 2A Buck Regulator with HyperLight Load and Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23155 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC23155 Datasheet HTML 1Page - Micrel Semiconductor MIC23155 Datasheet HTML 2Page - Micrel Semiconductor MIC23155 Datasheet HTML 3Page - Micrel Semiconductor MIC23155 Datasheet HTML 4Page - Micrel Semiconductor MIC23155 Datasheet HTML 5Page - Micrel Semiconductor MIC23155 Datasheet HTML 6Page - Micrel Semiconductor MIC23155 Datasheet HTML 7Page - Micrel Semiconductor MIC23155 Datasheet HTML 8Page - Micrel Semiconductor MIC23155 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Micrel Inc.
MIC23155
April 2011
2
M9999-041811-A
Ordering Information
Part Number
Marking
Code
Nominal Output
Voltage
Junction
Temp. Range
Package
MIC23155-GYMT
QLG
1.8V
–40°C to +125°C
10-Pin 2.5mm x 2.5mm Thin MLF
®
MIC23155YMT
QLA
Adjustable
–40°C to +125°C
10-Pin 2.5mm x 2.5mm Thin MLF
®
Notes:
1. Other fixed output voltage options available. Contact Micrel Marketing for details.
2. Thin MLF® is a GREEN RoHS compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
3. Thin MLF® ▲ = Pin 1 identifier.
Pin Configuration
2.5mm x 2.5mm Thin MLF
® (MT)
Fixed Output Voltage
(Top View)
2.5mm x 2.5mm Thin MLF
® (MT)
Adjustable Output Voltage
(Top View)
Pin Description
Pin Number
(Fixed)
Pin Number
(Adjustable)
Pin Name
Pin Function
1
1
SW
Output Switch Node
2
2
EN
Enable: Logic high enables operation of the regulator. Logic low will shut
down the device. Do not leave floating.
3
3
SNS
Output voltage sensing pin. When disabled, provides output discharge.
4
-
NC
Not internally connected.
-
4
FB
Feedback connection for output voltage sensing
5
5
PG
Power good indicator. Open drain output
6
6
SS
Programmable soft start pin. Do not leave floating
7
7
AGND
Analog Ground. Ground path for bias and control circuitry.
8,9
8,9
VIN
Input Voltage Supply.
10
10
PGND
Power Ground. Ground path for high current circuitry
EPAD
EPAD
HS PAD
Exposed heat sink pad. Connect to PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com