Electronic Components Datasheet Search
  English  ▼

X  

MIC37501 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC37501
Description  5A, Low Voltage 關Cap LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37501 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC37501 Datasheet HTML 1Page - Micrel Semiconductor MIC37501 Datasheet HTML 2Page - Micrel Semiconductor MIC37501 Datasheet HTML 3Page - Micrel Semiconductor MIC37501 Datasheet HTML 4Page - Micrel Semiconductor MIC37501 Datasheet HTML 5Page - Micrel Semiconductor MIC37501 Datasheet HTML 6Page - Micrel Semiconductor MIC37501 Datasheet HTML 7Page - Micrel Semiconductor MIC37501 Datasheet HTML 8Page - Micrel Semiconductor MIC37501 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC37501/37502
5A, Low Voltage μCap LDO Regulator
Super βeta is a registered trademark of Micrel Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC37501 and MIC37502 are 5A, low dropout
linear voltage regulator that provide low voltage, high
current outputs with a minimum of external components.
They offer high precision, ultra-low dropout (500mV),
and low ground current.
The MIC37501and MIC37502 operate from an input of
2.3V to 6.0V. They are designed to drive digital circuits
requiring low voltage at high currents (i.e., PLDs, DSPs,
microcontrollers, etc.). They are available in fixed and
adjustable output voltages. Fixed voltages include 1.5V,
1.65V, 1.8V, 2.5V, and 3.3V. The adjustable version is
capable of 1.24V to 5.5V.
MIC37501 and MIC37502 LDOs feature thermal and
currentlimit protection and reverse current protection.
Logic enable and error flag pins are available.
Junction temperature range of the MIC37501/02 is from
–40°C to 125°C.
For applications requiring input voltage greater than
6.0V, see MIC3910x, MIC3915x, MIC3930x, and
MIC3950x LDOs.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
Features
• 5A minimum guaranteed output current
• 500mV maximum dropout voltage
– Ideal for 3.0V to 2.5V conversion
– Ideal for 2.5V to 1.8V, 1.65V, or 1.5V
conversion
• Stable with ceramic or tantalum capacitor
• Wide input voltage range:
-
VIN: 2.3V to 6.0V
• ±1.0% initial output tolerance
• Fixed and adjustable output voltages:
– MIC37501—7 terminal fixed voltage
– MIC37502—5 (TO-263) and 7 (SPAK) terminal
adjustable voltage
• Excellent line and load regulation specifications
• Logic controlled shutdown
• Thermal shutdown and current-limit protection
• Reverse-leakage protection
• Low profile S-Pak and TO-263 packages
Applications
• LDO linear regulator for low-voltage digital IC
• PC add-in cards
• High efficiency linear power supplies
• SMPS post regulator
• Battery charger
Typical Applications
VOUT
VIN
VOUT
VIN
FLG
GND
VEN
COUT
100F, Ceramic
100k
MIC37501
VIN = 3.0V
VOUT = 2.5V
CIN
Fixed 2.5V Regulator with Error Flag
VOUT
VIN
VOUT
VIN
ADJ
GND
VEN
COUT
100F, Ceramic
R1
R2
1.3V
MIC37502
VIN
CIN
Adjustable Regulator
0
50
100
150
200
250
300
350
400
450
012345
OUTPUT CURRENT (A)
Dropout
vs. Output Current
2.5V
OUT
May 2011
1
M9999-050511-B


Similar Part No. - MIC37501

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501-1.5BR MICREL-MIC37501-1.5BR Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
MIC37501-1.5BR MICREL-MIC37501-1.5BR Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501-1.5WR MICREL-MIC37501-1.5WR Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
More results

Similar Description - MIC37501

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
High Input Voltage Low IQ 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
1.5A, Low Voltage 關Cap LDO Regulator
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
3A, Low Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
1.5A, Low-Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
3.0A, Low-Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
High Input Voltage Low IQ 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com