Electronic Components Datasheet Search
  English  ▼

X  

MIC23153 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC23153
Description  4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23153 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC23153 Datasheet HTML 9Page - Micrel Semiconductor MIC23153 Datasheet HTML 10Page - Micrel Semiconductor MIC23153 Datasheet HTML 11Page - Micrel Semiconductor MIC23153 Datasheet HTML 12Page - Micrel Semiconductor MIC23153 Datasheet HTML 13Page - Micrel Semiconductor MIC23153 Datasheet HTML 14Page - Micrel Semiconductor MIC23153 Datasheet HTML 15Page - Micrel Semiconductor MIC23153 Datasheet HTML 16Page - Micrel Semiconductor MIC23153 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Micrel Inc.
MIC23153
September 2011
13
M9999-092211-B
HyperLight Load™ Mode
As shown in the previous equation, the load at which the
MIC23153 transitions from HyperLight Load™ mode to
PWM mode is a function of the input voltage (VIN), output
voltage (VOUT), duty cycle (D), inductance (L) and
frequency (f). As shown in Figure 3, as the Output
Current increases, the switching frequency also
increases until the MIC23153 goes from HyperLight
Load™ mode to PWM mode at approximately 120mA.
The MIC23153 will switch at a relatively constant
frequency around 4MHz once the output current is over
120mA.
MIC23153 uses a minimum on and off time proprietary
control loop (patented by Micrel). When the output
voltage falls below the regulation threshold, the error
comparator begins a switching cycle that turns the
PMOS on and keeps it on for the duration of the
minimum-on-time. This increases the output voltage. If
the output voltage is over the regulation threshold, then
the error comparator turns the PMOS off for a minimum-
off-time until the output drops below the threshold. The
NMOS acts as an ideal rectifier that conducts when the
PMOS is off. Using a NMOS switch instead of a diode
allows for lower voltage drop across the switching device
when it is on. The asynchronous switching combination
between the PMOS and the NMOS allows the control
loop to work in discontinuous mode for light load
operations. In discontinuous mode, the MIC23153 works
in pulse frequency modulation (PFM) to regulate the
output. As the output current increases, the off-time
decreases, thus provides more energy to the output.
This switching scheme improves the efficiency of
MIC23153 during light load currents by only switching
when it is needed. As the load current increases, the
MIC23153 goes into continuous conduction mode (CCM)
and switches at a frequency centered at 4MHz. The
equation to calculate the load when the MIC23153 goes
into continuous conduction mode may be approximated
by the following formula:
Switching Frequency
v s. Load Current
0.1
1
10
100
1000
10000
0.0001 0.001
0.01
0.1
1
10
LO AD CURRENT (A)
L = 2.2µH
L = 1µH
VOUT = 1.8V
Figure 3. SW Frequency vs. Output Current
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
−
>
f
2L
D
)
V
(V
I
OUT
IN
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com