Electronic Components Datasheet Search
  English  ▼

X  

MIC5821 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5821
Description  8-Bit Serial-Input Latched Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5821 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5821 Datasheet HTML 1Page - Micrel Semiconductor MIC5821 Datasheet HTML 2Page - Micrel Semiconductor MIC5821 Datasheet HTML 3Page - Micrel Semiconductor MIC5821 Datasheet HTML 4Page - Micrel Semiconductor MIC5821 Datasheet HTML 5Page - Micrel Semiconductor MIC5821 Datasheet HTML 6Page - Micrel Semiconductor MIC5821 Datasheet HTML 7Page - Micrel Semiconductor MIC5821 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
February 2005
5
MIC5821/5822
Micrel, Inc.
MIC5821/5822
Timing Conditions
(TA = +25°C, Logic Levels are VDD and VSS)
VDD = 5.0V
A. Minimum Data Active Time Before Clock Pulse (Data Set-Up Time) ....................................................................... 75 ns
B. Minimum Data Active Time After Clock Pulse (Data Hold Time) ............................................................................. 75 ns
C. Minimum Data Pulse Width .................................................................................................................................... 150 ns
D. Minimum Clock Pulse Width ................................................................................................................................... 150 ns
E. Minimum Time Between Clock Activation and Strobe ............................................................................................ 300 ns
F. Minimum Strobe Pulse Width .................................................................................................................................. 100 ns
G. Typical Time Between Strobe Activation and Output Transition ............................................................................. 500 ns
SERIAL DATA present at the input is transferred to the shift register on the logic “0” to logic “1” transition of the CLOCK input
pulse. On succeeding CLOCK pulses, the registers shift data information towards the SERIAL DATA OUTPUT. The SERIAL
DATA must appear at the input prior to the rising edge of the CLOCK input waveform.
Information present at any register is transferred to its respective latch when the STROBE is high (serial-to-parallel conversion).
The latches will continue to accept new data as long as the STROBE is held high. Applications where the latches are bypassed
(STROBE tied high) will require that the ENABLE input be high during serial entry.
When the ENABLE input is high, all of the output buffers are disabled (OFF) without affecting the information stored in the
latches or shift register. With the ENABLE input low, the outputs are controlled by the state of the latches.
Typical Applications
MIC5822 Level Shifting Lamp Driver with Darlington Emitters Tied to a Negative Supply
-9V
+5V
100µ
0.1µ
SERIAL DATA CLOCK
+
1
2
3
4
5
6
7
12
11
10
9
8
13
14
15
SUB
16



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com