Electronic Components Datasheet Search
  English  ▼

X  

MIC5374 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC5374
Description  Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5374 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC5374 Datasheet HTML 12Page - Micrel Semiconductor MIC5374 Datasheet HTML 13Page - Micrel Semiconductor MIC5374 Datasheet HTML 14Page - Micrel Semiconductor MIC5374 Datasheet HTML 15Page - Micrel Semiconductor MIC5374 Datasheet HTML 16Page - Micrel Semiconductor MIC5374 Datasheet HTML 17Page - Micrel Semiconductor MIC5374 Datasheet HTML 18Page - Micrel Semiconductor MIC5374 Datasheet HTML 19Page - Micrel Semiconductor MIC5374 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Micrel, Inc.
MIC5374/84
July 2010
16
M9999-070110
Pin Descriptions
INLDO
The LDO input pins INLDO1/2, INLDO3 and INLDO4
provide the input power to the linear regulators LDO1,
LDO2, LDO3 and LDO4. The input operating voltage
range is from 1.7V to 5.5V. For input voltages from 1.7V
to 2.5V the output current must be limited to 30mA each.
Due to line inductance a 1µF capacitor placed close to
the INLDO pins and the GND pin is recommended.
Please refer to layout recommendations.
BIAS
The BIAS pin provides power to the internal reference
and control sections of the MIC5374/84. A 0.1µF
ceramic capacitor must be connected from BIAS to GND
for clean operation.
EN (MIC5374)
The enable pins EN1, EN2 and EN3 provide logic level
control for the outputs OUT1, OUT2 and OUT3,
respectively. A logic high signal on an enable pin
activates the respective LDO. A logic low signal on an
enable pin deactivates the respective LDO. Do not leave
the EN pins floating, as it would leave the regulator in an
unknown state.
/EN (MIC5384)
The enable pins /EN1, /EN2 and /EN3 provide logic level
control for the outputs OUT1, OUT2 and OUT3,
respectively. A logic high signal on an enable pin
deactivates the respective LDO. A logic low signal on an
enable pin activates the respective LDO. Do not leave
the EN pins floating, as it would leave the regulator in an
unknown state.
OUT
OUT1, OUT2, OUT3 and OUT4 are the output pins of
each LDO. A minimum of 1µF capacitor be placed as
close as possible to each of the OUT pins. A minimum
voltage rating of 6.3V is recommended for each
capacitor.
GND
The GND pin is the ground path for the control circuitry
and the power ground for all LDOs. The current loop for
the ground should be kept as short as possible. Refer to
the layout recommendations for more details.
POR
The POR (power-on-reset) pin is an open drain output. A
resistor (10kΩ to 100kΩ) can be used for a pull up to
either the input or the output voltage of the regulator.
POR is pulled high by the external pull up resistor when
the voltage at DLY reaches 1.25V. A delay can be added
by placing a capacitor from the DLY pin to ground.
POR_IN
The POR_IN (power-on-reset input) pin compares any
voltage to an internal 0.9V reference. This function can
be used to monitor any of the LDO outputs or any
external voltage rail. When the monitored voltage is
greater than 0.9V, the POR_IN flag will internally trigger
a 1.25µA source current to charge the external capacitor
at the DLY pin. A resistor divider network may be used
to divide down the monitored voltage to be compared
with the 0.9V at the POR_IN. This resistor network can
change the trigger point to any voltage level. A small
decoupling capacitor is recommended between POR_IN
and ground to reject high frequency noise that might
interfere with the POR circuit. Do not leave the POR_IN
pin floating.
DLY
The delay pin is used to set the POR delay time. Adding
a capacitor to this pin adjusts the delay of the POR
signal. When the POR_IN flag is triggered, a constant
1.25µA current begins to charge the external capacitor
tied to the DLY pin. When the capacitor reaches 1.25V
the POR flag will be pulled high by the external pull up
resistor. The equation to calculate the charge time is
shown:
⎟
⎠
⎞
⎜
⎝
⎛
=
−6
DLY
Delay
10
25
.
1
C
x
1.25V
(s)
t
x
The delay time (t) is in seconds, the delay voltage is
1.25V internally, and the external delay capacitance
(CDLY) is in microfarads. For a 1µF delay capacitor, the
delay time will be 1 second. A capacitor at the DLY pin is
recommended when the POR function is used in order to
prevent unexpected triggering of the POR signal in noisy
systems.
MR
The MR (manual reset) pin resets the output of POR and
DLY generator regardless if the monitored voltage is in
regulation or not. Applying a voltage greater than 1.2V
on the MR pin will cause the POR voltage to be pulled
low. When a voltage below 0.2V is applied to the MR
pin, the internal 1.25µA will begin to charge the DLY pin
until it reaches 1.25V.
When the DLY pin reaches
1.25V, the POR voltage will be pulled high by the
external pull up resistor. Do not leave the MR pin
floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com