Electronic Components Datasheet Search
  English  ▼

X  

MIC5388-MMYCS Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC5388-MMYCS
Description  Dual 200mA Peak LDO in Wafer Level Chip Scale Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5388-MMYCS Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC5388-MMYCS Datasheet HTML 4Page - Micrel Semiconductor MIC5388-MMYCS Datasheet HTML 5Page - Micrel Semiconductor MIC5388-MMYCS Datasheet HTML 6Page - Micrel Semiconductor MIC5388-MMYCS Datasheet HTML 7Page - Micrel Semiconductor MIC5388-MMYCS Datasheet HTML 8Page - Micrel Semiconductor MIC5388-MMYCS Datasheet HTML 9Page - Micrel Semiconductor MIC5388-MMYCS Datasheet HTML 10Page - Micrel Semiconductor MIC5388-MMYCS Datasheet HTML 11Page - Micrel Semiconductor MIC5388-MMYCS Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Micrel, Inc.
MIC5388/9
July 2011
12
M9999-071211-A
Package Information
6-Bump, 0.5mm Pitch 1.5mm
× 1.0mm Wafer Level Chip-Scale Package (CS)
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
Micrel makes no representations or warranties with respect to the accuracy or completeness of the information furnished in this data sheet. This
information is not intended as a warranty and Micrel does not assume responsibility for its use. Micrel reserves the right to change circuitry,
specifications and descriptions at any time without notice. No license, whether express, implied, arising by estoppel or otherwise, to any intellectual
property rights is granted by this document. Except as provided in Micrel’s terms and conditions of sale for such products, Micrel assumes no liability
whatsoever, and Micrel disclaims any express or implied warranty relating to the sale and/or use of Micrel products including liability or warranties
relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical impla
into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A
Purchaser’s use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk and Purchaser agrees to fully
indemnify Micrel for any damages resulting from such use or sale.
can
nt
© 2011 Micrel, Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com