Electronic Components Datasheet Search
  English  ▼

X  

GDZ8.2 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # GDZ8.2
Description  AXIAL LEAD ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

GDZ8.2 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  GDZ8.2 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP GDZ8.2 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP GDZ8.2 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP GDZ8.2 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DO-35
Unit: inch (mm)
DATA SHEET
GDZ2.0~GDZ56
AXIAL LEAD ZENER DIODES
VOLTAGE
2.0 to 56 Volts
POWER
500 mWatts
FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
MECHANICAL DATA
• Case: Molded Glass DO-35
• Terminals: Solderable per MIL-STD-202, Method 208
• Polarity: See Diagram Below
• Approx. Weight: 0.13 grams
• Mounting Position: Any
• Packing information
T/B - 5K per horiz. tape & Ammo box
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vs
ti
n
U
5
2
=
b
m
a
T
t
a
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
O
C
PTOT
0
0
5W
m
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
TJ
5
7
1
O
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TS
5
7
1
+
o
t
5
6
-
O
C
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
rf
m
m
0
1
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
iv
o
r
p
d
il
a
V
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
ri
A
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Rh
tA
-
-
-
-
3
.
0W
m
/
K
A
m
0
0
1
=
F
I
t
a
e
g
a
tl
o
V
d
r
a
w
r
o
F
VF
-
-
-
-
1V
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
rf
m
m
0
1
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
i
v
o
r
p
d
il
a
V
1. 02(26 .0)
MIN.
.022(0.55)
.018(0.45)
1 .02(2 6.0)
MIN.
.087(2.2)
.067(1.7)
.153(3.6)
.132(3.0)
WILLAS
SCS501V
VOLTAGE 40V
0.1AMP Schottky Barrier Rectifiers
FEATURES
* Extremely Low VF
* Extremely thin package
* Low stored charge
* Majority carrier conduction
* Case:Molded plastic, JEDEC SOD-323(SC-76)
* Terminal : Solder plated, solderable per MIL-STD-750,
Method 2026
* Polarity : Indicated by cathode band
* Mounting Position : Any
* Weight : 0.000159 ounce, 0.0045 gram
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Rating 25
oC ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
Symbol
Min.
Typ.
Max.
Unit
VRM
45
V
VR
40
V
I F = 10mA DC
F1
V
V
VR = 10V DC
IR
0.55
0.34
µ A
IO
30
A
A
TJ
oC
TSTG
oC
1
Continuous Reverse Voltage
Parameter
Forward Voltage
IFSM
Operating Temperature
Mean Rectifying Current
Conditions
Repetitive Peak Reverse Voltage
Storage Temperature
Reverse Current
V
F2
V
I F = 100mA DC
0.1
125
Peak forward surge current
Capacitance between terminals
CT
6.0
pF
-40
SOD-323
(SC-76)
Marking Code: JV or 4
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
+125
MECHANICAL DATA
Pb Free Product
2004.12
2009.10
WILLAS ELECTRONIC CORP.


Similar Part No. - GDZ8.2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZ8.2 PANJIT-GDZ8.2 Datasheet
66Kb / 4P
AXIAL LEAD ZENER DIODES
logo
Rohm
GDZ8.2 ROHM-GDZ8.2 Datasheet
112Kb / 5P
Zener diode
GDZ8.2 ROHM-GDZ8.2 Datasheet
2Mb / 10P
Zener Diode
GDZ8.2 ROHM-GDZ8.2 Datasheet
111Kb / 5P
Zener diode
GDZ8.2 ROHM-GDZ8.2 Datasheet
113Kb / 5P
Zener diode
More results

Similar Description - GDZ8.2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
AXIAL LEAD ZENER DIODES
GDZJ2.0 PANJIT-GDZJ2.0 Datasheet
146Kb / 5P
AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
AXIAL LEAD ZENER DIODES
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
AXIAL LEAD ZENER DIODES
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
Axial Lead Zener Diodes
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
Axial Lead Zener Diodes
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
Axial Lead Zener Diodes
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
Axial Lead Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com