Electronic Components Datasheet Search
  English  ▼

X  

MIC5355 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5355
Description  Dual 500mA 關Cap Low Dropout, Micropower Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5355 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5355 Datasheet HTML 1Page - Micrel Semiconductor MIC5355 Datasheet HTML 2Page - Micrel Semiconductor MIC5355 Datasheet HTML 3Page - Micrel Semiconductor MIC5355 Datasheet HTML 4Page - Micrel Semiconductor MIC5355 Datasheet HTML 5Page - Micrel Semiconductor MIC5355 Datasheet HTML 6Page - Micrel Semiconductor MIC5355 Datasheet HTML 7Page - Micrel Semiconductor MIC5355 Datasheet HTML 8Page - Micrel Semiconductor MIC5355 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Micrel, Inc.
MIC5355/6
March 2012
5
M9999-031512-A
Typical Characteristics
Power Supply Rejection Ratio
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
VEN = VIN = 2.82V
VOUT = 1.8V
COUT = 2.2µF
500mA
100µA
250mA
Output Voltage
vs. Input Voltage
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
100μA
500mA
CIN = COUT = 2.2μF
Output Voltage
vs. Input Voltage
1.6
1.7
1.8
1.9
2
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
100μA
500mA
CIN = COUT = 2.2μF
Output Voltage
vs. Output Current (VOUT1)
2.2
2.3
2.4
2.5
2.6
2.7
0
100
200
300
400
500
OUTPUT CURRENT (mA)
VIN = VEN1 = 3.5V
VOUT1 = 2.5V
CIN = COUT = 2.2μF
Output Voltage
vs. Output Current (VOUT2)
1.5
1.6
1.7
1.8
1.9
2
0
100
200
300
400
500
OUTPUT CURRENT (mA)
VIN = VEN2 = 3.5V
VOUT2 = 1.8V
CIN = COUT = 2.2μF
Ground Current vs.
Input Voltage (Single Output)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
500mA
NO LOAD
VOUT2 = 1.8V
CIN = COUT = 2.2μF
VEN1 = GND, VEN2 = VIN
Ground Current vs. Input
Voltage (Dual Output)
0
15
30
45
60
75
90
105
120
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
500mA
NO LOAD
VOUT1 = 2.5V, VOUT2 = 1.8V
CIN = COUT = 2.2μF
VEN1 = VEN2 = VIN
Ground Current
vs. Output Current
0
15
30
45
60
75
90
105
120
0
50 100 150 200 250 300 350 400 450 500
OUTPUT CURRENT (mA)
DUAL OUTPUT
SINGLE OUTPUT
VIN = 3.5V
CIN = COUT = 2.2μF
Ground Current
vs. Temperature (Single Output)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
500mA
NO LOAD
VOUT1 =2.5V
VEN1 = VIN = 3V
VEN2 = GND
CIN = COUT = 2.2μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com