Electronic Components Datasheet Search
  English  ▼

X  

GDZ12 Datasheet(PDF) 4 Page - WILLAS ELECTRONIC CORP

Part # GDZ12
Description  AXIAL LEAD ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

GDZ12 Datasheet(HTML) 4 Page - WILLAS ELECTRONIC CORP

  GDZ12 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP GDZ12 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP GDZ12 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP GDZ12 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Vz (V)
5
10
15
20
25
0
10
20
30
40
50
30
FIG. 1 POWER DERATING CURVE
50
0
100
200
300
400
500
100
150
200
250
AMBIENT TEMPERATURE, C
O
Fig.2 BREAKDOWN CHARACTERISTICS
Test Current
Iz=20mA
RATING AND CHARACTERISTIC CURVES
WILLAS
2009.10
WILLAS ELECTRONIC CORP.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com