Electronic Components Datasheet Search
  English  ▼

X  

MIC5357-2.8/1.8YMME Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5357-2.8/1.8YMME
Description  High Performance, Low Noise Dual 500mA ULDO?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5357-2.8/1.8YMME Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5357-2.8/1.8YMME Datasheet HTML 1Page - Micrel Semiconductor MIC5357-2.8/1.8YMME Datasheet HTML 2Page - Micrel Semiconductor MIC5357-2.8/1.8YMME Datasheet HTML 3Page - Micrel Semiconductor MIC5357-2.8/1.8YMME Datasheet HTML 4Page - Micrel Semiconductor MIC5357-2.8/1.8YMME Datasheet HTML 5Page - Micrel Semiconductor MIC5357-2.8/1.8YMME Datasheet HTML 6Page - Micrel Semiconductor MIC5357-2.8/1.8YMME Datasheet HTML 7Page - Micrel Semiconductor MIC5357-2.8/1.8YMME Datasheet HTML 8Page - Micrel Semiconductor MIC5357-2.8/1.8YMME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC5357
January 2011
3
M9999-011311
Ordering Information
Voltage(V)
Part Number
(1)
Manufacturing Part
Number
Marking
VOUT1
VOUT2
Junction Temperature
Range
Package
MIC5357-3.3/2.8YMME
MIC5357-SMYMME
57SM
3.3V
2.8V
–40°C to +125°C
8-Pin ePAD MSOP
MIC5357-3.3/1.8YMME
MIC5357-SGYMME
57SG
3.3V
1.8V
–40°C to +125°C
8-Pin ePAD MSOP
MIC5357-2.8/1.8YMME
MIC5357-MGYMME
57MG
2.8V
1.8V
–40°C to +125°C
8-Pin ePAD MSOP
MIC5357-1.8/1.5YMME
MIC5357-GFYMME
57GF
1.8V
1.5V
–40°C to +125°C
8-Pin ePAD MSOP
Notes
1.
For other voltage options contact Micrel Marketing.
Pin Configuration
8-Pin ePAD MSOP (MME)
TOP VIEW
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply Input.
2
GND
Ground.
3
BYP
Reference Bypass: Connect external 0.1µF to GND to reduce output noise.
May be left open when bypass capacitor is not required.
4
EN2
Enable Input (regulator 2). Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating.
5
EN1
Enable Input (regulator 1). Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating.
6
NC
Not internally connected.
7
VOUT2
Regulator Output – LDO2.
8
VOUT1
Regulator Output – LDO1.
ePAD
HS Pad
Heatsink Pad internally connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com