Electronic Components Datasheet Search
  English  ▼

X  

MIC5316 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5316
Description  Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5316 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5316 Datasheet HTML 1Page - Micrel Semiconductor MIC5316 Datasheet HTML 2Page - Micrel Semiconductor MIC5316 Datasheet HTML 3Page - Micrel Semiconductor MIC5316 Datasheet HTML 4Page - Micrel Semiconductor MIC5316 Datasheet HTML 5Page - Micrel Semiconductor MIC5316 Datasheet HTML 6Page - Micrel Semiconductor MIC5316 Datasheet HTML 7Page - Micrel Semiconductor MIC5316 Datasheet HTML 8Page - Micrel Semiconductor MIC5316 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
MIC5316
July 2008
5
M9999-070208-A
Typical Characteristics
0
Power Supply
Rejection Ratio (VIN)
100
FREQUENCY (Hz)
10
1k
10k
1M
300mA
150mA
100k
VIN = VOUT +1V
VOUT = 1.8V
COUT = 1µF
CBYP = 10nF
0
Power Supply
Rejection Ratio (VBIAS)
100
FREQUENCY (Hz)
10
1k
10k
1M
VIN = VOUT +1V
VOUT = 1.8V
COUT = 1µF
CBYP = 10nF
300mA
150mA
100k
10
11
12
13
14
15
16
Ground Current (VIN)
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = VOUT +1V
VBIAS = 3.6V
VOUT1 = 1.5V
VOUT2 = 1.2V
COUT = 1µF
CBYP = 10nF
IOUT1 = IOUT2 = 300mA
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
Ground Current (VIN)
vs. Output Current
VIN = VOUT +1V
VBIAS = 3.6V
VOUT1 = 1.5V
VOUT2 = 1.2V
COUT = 1µF
CBYP = 10nF
24
25
26
27
28
29
30
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
Ground Current (VBIAS)
vs. Output Current
VIN = VOUT +1V
VBIAS = 3.6V
VOUT1 = 1.5V
VOUT2 = 1.2V
COUT = 1µF
CBYP = 10nF
12
13
14
15
16
1.5
2.5
3.5
4.5
5.5
INPUT VOLTAGE (V)
2.0
3.0
4.0
5.0
Ground Current (VIN)
vs. Input Voltage
VBIAS = 3.6V
VOUT1 = 1.5V
VOUT2 = 1.2V
COUT = 1µF
CBYP = 10nF
300mA
10mA
0
20
40
60
80
100
120
Dropout Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VOUT = 1.5V
COUT = 1µF
300mA
10mA
150mA
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
50 100 150 200 250 300
LOAD CURRENT (mA)
Dropout Voltage
vs. Load Current
VBIAS = 3.6V
VOUT = 1.8V
COUT = 1µF
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Output Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = VOUT +1V
VBIAS = 3.6V
EN = VIN
VOUT = 1.5V
COUT = 1µF
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
VIN = VOUT +1V
VBIAS = 3.6V
VOUT = 1.5V
COUT = 1µF
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage
VBIAS = 5.5V
IOUT = 10mA
COUT1 = 1µF
COUT2 = 1µF
1.8V
1.1V
450
470
490
510
530
550
570
590
610
630
650
1.5 2 2.5 3 3.5 4 4.5 5 5.5
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
VBIAS = 5.5V
VOUT = 1.5V
COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com