Electronic Components Datasheet Search
  English  ▼

X  

MIC29150 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC29150
Description  High-Current Low-Dropout Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29150 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC29150 Datasheet HTML 1Page - Micrel Semiconductor MIC29150 Datasheet HTML 2Page - Micrel Semiconductor MIC29150 Datasheet HTML 3Page - Micrel Semiconductor MIC29150 Datasheet HTML 4Page - Micrel Semiconductor MIC29150 Datasheet HTML 5Page - Micrel Semiconductor MIC29150 Datasheet HTML 6Page - Micrel Semiconductor MIC29150 Datasheet HTML 7Page - Micrel Semiconductor MIC29150 Datasheet HTML 8Page - Micrel Semiconductor MIC29150 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Micrel, Inc.
MIC29150/29300/29500/29750
January 2012
2
M9999-013112-B
Ordering Information
Part Number
Junction Temp.
Range
(1)
Voltage
Current
Package
Standard
RoHS Compliant
(2)
MIC29150-3.3BT
MIC29150-3.3WT
(2)
–40°C to +125°C
3.3
1.5A
3-Pin TO-220
MIC29150-3.3BU
MIC29150-3.3WU
(2)
–40°C to +125°C
3.3
1.5A
3-Pin TO-263
MIC29150-5.0BT
MIC29150-5.0WT
(2)
–40°C to +125°C
5
1.5A
3-Pin TO-220
MIC29150-5.0BU
MIC29150-5.0WU
(2)
–40°C to +125°C
5
1.5A
3-Pin TO-263
MIC29150-12BT
MIC29150-12WT
(2)
–40°C to +125°C
12
1.5A
3-Pin TO-220
MIC29150-12BU
MIC29150-12WU
(2)
–40°C to +125°C
12
1.5A
3-Pin TO-263
MIC29151-3.3BT
MIC29151-3.3WT
(2)
–40°C to +125°C
3.3
1.5A
5-Pin TO-220
MIC29151-3.3BU
MIC29151-3.3WU
(2)
–40°C to +125°C
3.3
1.5A
5-Pin TO-263
MIC29151-5.0BT
MIC29151-5.0WT
(2)
–40°C to +125°C
5
1.5A
5-Pin TO-220
MIC29151-5.0BU
MIC29151-5.0WU
(2)
–40°C to +125°C
5
1.5A
5-Pin TO-263
MIC29151-12BT
MIC29151-12WT
(2)
–40°C to +125°C
12
1.5A
5-Pin TO-220
MIC29151-12BU
MIC29151-12WU
(2)
–40°C to +125°C
12
1.5A
5-Pin TO-263
MIC29152BT
MIC29152WT
(2)
–40°C to +125°C
Adj.
1.5A
5-Pin TO-220
MIC29152BU
MIC29152WU
(2)
–40°C to +125°C
Adj.
1.5A
5-Pin TO-263
—
MIC29152WD
(2)
–40°C to +125°C
Adj.
1.5A
5-Pin TO-252
MIC29153BT
(3)
Contact Factory
–40°C to +125°C
Adj.
1.5A
5-Pin TO-220
MIC29153BU
(3)
Contact Factory
–40°C to +125°C
Adj.
1.5A
5-Pin TO-263
MIC29300-3.3BT
MIC29300-3.3WT
(2)
–40°C to +125°C
3.3
3.0A
3-Pin TO-220
MIC29300-3.3BU
MIC29300-3.3WU
(2)
–40°C to +125°C
3.3
3.0A
3-Pin TO-263
MIC29300-5.0BT
MIC29300-5.0WT
(2)
–40°C to +125°C
5
3.0A
3-Pin TO-220
MIC29300-5.0BU
MIC29300-5.0WU
(2)
–40°C to +125°C
5
3.0A
3-Pin TO-263
MIC29300-12BT
MIC29300-12WT
(2)
–40°C to +125°C
12
3.0A
3-Pin TO-220
MIC29300-12BU
MIC29300-12WU
(2)
–40°C to +125°C
12
3.0A
3-Pin TO-263
MIC29301-3.3BT
MIC29301-3.3WT
(2)
–40°C to +125°C
3.3
3.0A
5-Pin TO-220
MIC29301-3.3BU
MIC29301-3.3WU
(2)
–40°C to +125°C
3.3
3.0A
5-Pin TO-263
MIC29301-5.0BT
MIC29301-5.0WT
(2)
–40°C to +125°C
5
3.0A
5-Pin TO-220
MIC29301-5.0BU
MIC29301-5.0WU
(2)
–40°C to +125°C
5
3.0A
5-Pin TO-263
MIC29301-12BT
MIC29301-12WT
(2)
–40°C to +125°C
12
3.0A
5-Pin TO-220
MIC29301-12BU
MIC29301-12WU
(2)
–40°C to +125°C
12
3.0A
5-Pin TO-263
MIC29302BT
MIC29302WT
(2)
–40°C to +125°C
Adj.
3.0A
5-Pin TO-220
MIC29302BU
MIC29302WU
(2)
–40°C to +125°C
Adj.
3.0A
5-Pin TO-263
MIC29303BT
MIC29303WT
(2)
–40°C to +125°C
Adj.
3.0A
5-Pin TO-220
MIC29303BU
MIC29303WU
(2)
–40°C to +125°C
Adj.
3.0A
5-Pin TO-263
MIC29500-3.3BT
MIC29500-3.3WT
(2)
–40°C to +125°C
3.3
5.0A
3-Pin TO-220
MIC29500-5.0BT
MIC29500-5.0WT
(2)
–40°C to +125°C
5
5.0A
3-Pin TO-220
MIC29501-3.3BT
MIC29501-3.3WT
(2)
–40°C to +125°C
3.3
5.0A
5-Pin TO-220
MIC29501-3.3BU
MIC29501-3.3WU
(2)
–40°C to +125°C
3.3
5.0A
5-Pin TO-263
MIC29501-5.0BT
MIC29501-5.0WT
(2)
–40°C to +125°C
5
5.0A
5-Pin TO-220
MIC29501-5.0BU
MIC29501-5.0WU
(2)
–40°C to +125°C
5
5.0A
5-Pin TO-263
MIC29502BT
MIC29502WT
(2)
–40°C to +125°C
Adj.
5.0A
5-Pin TO-220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com