Electronic Components Datasheet Search
  English  ▼

X  

MIC5322 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5322
Description  Dual, High Performance 150mA 關Cap ULDO?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5322 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5322 Datasheet HTML 1Page - Micrel Semiconductor MIC5322 Datasheet HTML 2Page - Micrel Semiconductor MIC5322 Datasheet HTML 3Page - Micrel Semiconductor MIC5322 Datasheet HTML 4Page - Micrel Semiconductor MIC5322 Datasheet HTML 5Page - Micrel Semiconductor MIC5322 Datasheet HTML 6Page - Micrel Semiconductor MIC5322 Datasheet HTML 7Page - Micrel Semiconductor MIC5322 Datasheet HTML 8Page - Micrel Semiconductor MIC5322 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIC5322
Dual, High Performance 150mA
µCap ULDO™
ULDO is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2008
M9999-051508-B
General Description
The MIC5322 is a tiny Dual Ultra Low-Dropout
(ULDO™) linear regulator ideally suited for those
applications that require high Power Supply Rejection
Ratio (PSRR). It provides a bypass pin to increase
PSRR for noise sensitive portable electronics. The
MIC5322 integrates two high-performance; 150mA
ULDOs into a very compact 1.6mm x 1.6mm leadless
Thin MLF
® package with exceptional thermal package
characteristics.
The MIC5322 is a µCap design which enables
operation with very small ceramic output capacitors
for stability, thereby reducing required board space
and component cost. The combination of extremely
low-drop-out
voltage,
very
high
power
supply
rejection, very low output noise and exceptional
thermal package characteristics makes it ideal for
powering RF applications, cellular phones, GPS,
imaging sensors for digital still cameras, PDAs, MP3
players and other portable applications.
The MIC5322 ULDO™ is available in fixed-output
voltages in a tiny 6-pin 1.6mm x 1.6mm leadless Thin
MLF
® package which is only 2.56mm2 in area, - 30%
less area than the SOT-23, TSOP and MLF
® 3x3
packages. Additional voltage options are available.
For more information, contact Micrel marketing
department.
Data sheets and support documentation can be found
on Micrel’s web site at: www.micrel.com.
Features
• 2.3V to 5.5V input voltage range
• Ultra-low dropout voltage ULDO™ 35mV @
150mA
• Tiny 6-pin 1.6mm x 1.6mm Thin MLF® leadless
package
• Bypass pin for improved noise performance
• High PSRR – >75dB on each LDO
• Ultra low noise output - > 30µVrms
• Dual 150mA outputs
• µCap stable with 1µF ceramic capacitor
• Low quiescent current – 150µA
• Fast turn-on time – 45µs
• Thermal shutdown protection
• Current Limit protection
Applications
• Mobile phones
• GPS receivers
• Portable media players
• Digital still and video cameras
• PDAs
• Portable electronics
Typical Application
VIN
EN
VOUT 1
VOUT 2
GND
MIC5322-x.xYMT
1µF
0.01µF
BYP
1µF
RF
Core
GPS
Module
1µF
RF Power Supply Circuit


Similar Part No. - MIC5322

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5322-MFYMT MICREL-MIC5322-MFYMT Datasheet
317Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5322-MGYMT MICREL-MIC5322-MGYMT Datasheet
317Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5322-NNYMT MICREL-MIC5322-NNYMT Datasheet
317Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5322-PMYMT MICREL-MIC5322-PMYMT Datasheet
317Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
More results

Similar Description - MIC5322

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
Dual, High Performance 150mA UCap ULDO
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
Single, 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
Dual, High Performance 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
Single, 150mA 關Cap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
Dual, High Performance 300mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
High-Performance Dual 150mA 關Cap ULDO?
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
High Performance 300mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com