Electronic Components Datasheet Search
  English  ▼

X  

MIC5254 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5254
Description  Dual 150mA 關Cap LDO with Error Flag Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5254 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5254 Datasheet HTML 1Page - Micrel Semiconductor MIC5254 Datasheet HTML 2Page - Micrel Semiconductor MIC5254 Datasheet HTML 3Page - Micrel Semiconductor MIC5254 Datasheet HTML 4Page - Micrel Semiconductor MIC5254 Datasheet HTML 5Page - Micrel Semiconductor MIC5254 Datasheet HTML 6Page - Micrel Semiconductor MIC5254 Datasheet HTML 7Page - Micrel Semiconductor MIC5254 Datasheet HTML 8Page - Micrel Semiconductor MIC5254 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC5254
December 2007
2
M9999-121107
Ordering Information
Part Number
VOUTA
VOUTB
Temperature Range
Package
Lead Finish
MIC5254-SJBMM
3.3V
2.5V
–40° to +125°C
10-Pin MSOP
Standard
MIC5254-SJYMM
3.3V
2.5V
–40° to +125°C
10-Pin MSOP
Pb-Free
Note:
Other voltages available. Contact Micrel Marketing for details.
Pin Configuration
10-Pin MSOP (MM)
Pin Description
Pin Number
Pin Name
Channel
Pin Name
1
FLGA
A
Error Flag (Output): Open-drain output. Active low indicates an output
undervoltage condition.
2
ENA
A
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable;
logic low = shutdown. Do not leave open.
3
GNDA
A
Ground
9
INA
A
Supply Input
10
OUTA
A
Regulator Output
4
FLGB
B
Error Flag (Output): Open-drain output. Active low indicates an output
undervoltage condition.
5
ENB
B
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable;
logic low = shutdown. Do not leave open.
7
GNDB
B
Ground
6
INB
B
Supply Input
8
OUTB
B
Regulator Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com