Electronic Components Datasheet Search
  English  ▼

X  

MIC5281 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5281
Description  120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5281 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5281 Datasheet HTML 1Page - Micrel Semiconductor MIC5281 Datasheet HTML 2Page - Micrel Semiconductor MIC5281 Datasheet HTML 3Page - Micrel Semiconductor MIC5281 Datasheet HTML 4Page - Micrel Semiconductor MIC5281 Datasheet HTML 5Page - Micrel Semiconductor MIC5281 Datasheet HTML 6Page - Micrel Semiconductor MIC5281 Datasheet HTML 7Page - Micrel Semiconductor MIC5281 Datasheet HTML 8Page - Micrel Semiconductor MIC5281 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Micrel, Inc.
MIC5281
June 2011
4
M9999-062411-A
Absolute Maximum Ratings
(1)
VIN to GND................................................... –0.3V to +125V
VCPSRR to GND..................................................–0.3 to +14V
VFB, VSNS, VOUT to GND ................................... –0.3V to +6V
Lead Temperature (soldering, 10s).......................... +260°C
Junction Temperature ......................... –40°C ≤ TJ ≤ +125°C
Storage Temperature .........................–65°C ≤ TA ≤ +150°C
ESD Ratings
(4)
HBM ......................................................................... 2kV
MM .........................................................................200V
Operating Ratings
(2)
VIN ................................................................. +6V to +120V
VOUT Adjust Range ..................................... +1.27V to +5.5V
Junction Temperature ......................... –40°C ≤ TJ ≤ +125°C
Power Dissipation (PD)........................... Internally Limited
(3)
Junction Thermal Resistance (
θ
JA)
8-pin ePad MSOP..............................................64°C/W
8-pin MSOP .....................................................160°C/W
Electrical Characteristics
(5)
VIN = 12V, CIN = 1.0µF, CPSRR = 0.1µF, COUT = 10µF, VOUT = 5.0V or 3.3V, IOUT = 100µA, TA = 25°C, bold values indicate
–40
°C ≤ T
J ≤ +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range
(6)
6
120
V
Quiescent Supply Current
IOUT = 0
6
11
µA
Output Voltage
Adjustable
1.27
5.5
3.2
3.3
3.4
Fixed 3.3V
3.13
3.3
3.47
4.85
5.0
5.15
Output Voltage
Fixed 5.0V
4.75
5.0
5.25
V
−3
+3
%
Output Voltage Accuracy
Variation from nominal VOUT
−5
+5
%
Load Regulation
IOUT = 100µA to 25mA
−0.5
0.2
+0.5
%
Line Regulation
(7)
VIN = 10V to 120V
−0.5
0.04
+0.5
%/V
Feedback Input (Adjustable)
1.232
1.270
1.308
FB Voltage
1.206
1.270
1.333
V
FB Current
VFB = 1.27V
3.2
nA
Current Limit
Current Limit
VOUT = 0V
30
65
130
mA
Ripple Rejection
Power Supply Rejection Ratio
f = 20kHz to 2MHz
>90
dB
Notes:
1.
Exceeding an absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation at any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation results in excessive die temperature, and causes the regulator to enter thermal shutdown.
4.
Devices are ESD sensitive; use proper handling precautions.
5.
Specifications are for packaged products only.
6.
Assure that VIN ≥ (VOUT + 3V) and VIN ≥ 6V.
7.
Line regulation is a percentage of VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com