Electronic Components Datasheet Search
  English  ▼

X  

MIC5246 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5246
Description  150mA 關Cap CMOS LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5246 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5246 Datasheet HTML 1Page - Micrel Semiconductor MIC5246 Datasheet HTML 2Page - Micrel Semiconductor MIC5246 Datasheet HTML 3Page - Micrel Semiconductor MIC5246 Datasheet HTML 4Page - Micrel Semiconductor MIC5246 Datasheet HTML 5Page - Micrel Semiconductor MIC5246 Datasheet HTML 6Page - Micrel Semiconductor MIC5246 Datasheet HTML 7Page - Micrel Semiconductor MIC5246 Datasheet HTML 8Page - Micrel Semiconductor MIC5246 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5246
Micrel
MIC5246
2
June 2000
Pin Configuration
IN
OUT
FLG
EN
LTxx
1
3
45
2
GND
MIC5246-x.xBM5
Absolute Maximum Ratings (Note 1)
Supply Input Voltage (V
IN) .................................. 0V to +7V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Flag Output Voltage (V
FLG) .................................. 0V to VIN
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature ............................... –65
°C to +150°C
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
ESD, Note 3
Operating Ratings (Note 2)
Input Voltage (V
IN) ......................................... +2.7V to +6V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Flag Output Voltage (V
FLG) .................................. 0V to VIN
Junction Temperature (T
J) ....................... –40°C to +125°C
Thermal Resistance
(θ
JA) ...................................... 235°C/W
Pin Description
Pin Number
Pin Name
Pin Function
1
IN
Supply Input
2
GND
Ground
3
EN
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable;
logic low = shutdown. Do not leave open.
4
FLG
Error Flag (Output): Open-drain output. Active low indicates an output
undervoltage condition.
5
OUT
Regulator Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com