Electronic Components Datasheet Search
  English  ▼

X  

MIC5165 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC5165
Description  Dual Regulator Controller for DDR3 GDDR3/4/5 Memory Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5165 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC5165 Datasheet HTML 9Page - Micrel Semiconductor MIC5165 Datasheet HTML 10Page - Micrel Semiconductor MIC5165 Datasheet HTML 11Page - Micrel Semiconductor MIC5165 Datasheet HTML 12Page - Micrel Semiconductor MIC5165 Datasheet HTML 13Page - Micrel Semiconductor MIC5165 Datasheet HTML 14Page - Micrel Semiconductor MIC5165 Datasheet HTML 15Page - Micrel Semiconductor MIC5165 Datasheet HTML 16Page - Micrel Semiconductor MIC5165 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Micrel, Inc.
MIC5165
June 2010
13
M9999-061510-B
calculation for the high-side MOSFET is as follows:
PD = (VDDQ − VTT) × I_SOURCE
Where I_source is the average source current.
Power dissipation for the low-side MOSFET is as
follows:
PD = VTT × I_SINK
where I_sink is the average sink current.
In
a
typical
3.5A
peak
DDR3
circuit,
power
considerations for MOSFET selection would occur as
follows:
PD = (VDDQ −VTT) × I_SOURCE
PD = (1.5V −0.75V) × 1.75A
PD = 1.3125 W
This typical DDR3 application would require the high-
side and low-side N-Channel MOSFETs to be able to
handle
1.3125
Watts
each.
In
higher
current
applications, multiple N-Channel MOSFETs may be
placed in parallel to spread the power dissipation. These
MOSFETs
will
share
current,
distributing
power
dissipation across each device.
The maximum MOSFET die (junction) temperature limits
maximum power dissipation. The ability of the device to
dissipate heat away from the junction is specified by the
junction-to-ambient (θJA) thermal resistance. This is the
sum of junction-to-case (θJC) thermal resistance, case-
to-sink (θCS) thermal resistance and sink-to-ambient
(θSA) thermal resistance:
θJA = θJC + θCS + θSA
In our example of a 3.5A peak DDR3 termination circuit,
we have selected a D-pack N-Channel MOSFET that
has a maximum junction temperature of 125°C. The
device has a junction-to-case thermal resistance of
1.5°C/W. Our application has a maximum ambient
temperature of 60°C.
The required junction-to-ambient thermal resistance can
be calculated as follows:
D
A
J
JA
P
T
T
−
=
θ
Where TJ is the maximum junction temperature, TA is the
maximum ambient temperature and PD is the power
dissipation.
In our example:
D
A
J
JA
P
T
T
−
=
θ
W
3125
.
1
C
60
C
125
θJA
°
°
=
-
W
C
52
.
49
θJA
°
=
This shows that our total thermal resistance must be
better than 49.52°C/W. Since the total thermal
resistance is a combination of all the individual thermal
resistances, the amount of heat sink required can be
calculated as follows:
θSA = θJA − (θJC + θCS)
In our example:
θSA = θJA − (θJC + θCS)
)
W
C
5
.
0
W
C
5
.
1
(
W
C
52
.
49
θSA
°
+
°
°
=
-
W
C
52
.
47
θSA
°
=
In most cases, case-to-sink thermal resistance can be
assumed to be about 0.5°C/W.
The DDR3 termination circuit for our example, using two
D-pack N-Channel MOSFETs (one high-side and one
low-side) will require enough copper area to spread the
heat away from the MOSFET. In this example to
dissipate 1.3W from TO-252 package a 2 oz copper of
0.4 in
2 on component side is required. In some cases,
airflow may also help to reduce thermal resistance. For
different MOSFET package refer to manufacturer Data
Sheet for copper area requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com