Electronic Components Datasheet Search
  English  ▼

X  

MIC5016BWM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5016BWM
Description  Low-Cost Dual High- or Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5016BWM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5016BWM Datasheet HTML 1Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 2Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 3Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 4Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 5Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 6Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 7Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 8Page - Micrel Semiconductor MIC5016BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC5016/5017
Micrel
MIC5016/5017
4
October 1998
Typical Characteristics All data measured using FET probe to minimize resistive loading
0
1
2
3
4
5
6
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
Supply Current per Channel
(Output Asserted)
0
5
10
15
20
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
Gate Enhancement
vs. Supply Voltage
Gate Enhancement =
V
GATE – VSUPPLY
0
50
100
150
200
250
300
02468
10
GATE CAPACITANCE (nF)
High-Side Turn-On Time
vs. Gate Capacitance
Supply = 12V
0.01
0.1
1
10
100
0
4
8
12
16
20
24
28
SUPPLY VOLTAGE (V)
High-Side Turn-On Time
Until Gate = Supply + 4V
C
GATE = 1300pF
0.01
0.1
1
10
100
0
4
8
12
16
20
24
28
SUPPLY VOLTAGE (V)
High-Side Turn-On Time
Until Gate = Supply + 4V
C
GATE = 3000pF
0
20
40
60
80
100
120
140
160
180
-60 -30
0
30
60
90 120 150
AMBIENT TEMPERATURE (
°C)
High-Side Turn-On Time
vs. Temperature
Supply = 12V
C
GATE = 1000pF
0.01
0.1
1
10
100
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
High-Side Turn-On Time
Until Gate = Supply + 10V
C
GATE = 1300pF
0.01
0.1
1
10
100
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
High-Side Turn-On Time
Until Gate = Supply + 10V
C
GATE = 3000pF
0
2
4
6
8
10
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
High-Side Turn-Off Time
Until Gate = 1V
C
GATE = 3000pF
C
GATE =
1300pF
1
10
100
1000
0
5
10
15
GATE-TO-SOURCE VOLTAGE (V)
Charge-Pump
Output Current
Source connected
to supply: supply
voltage as noted
3V
5V
12V
28V
1
10
100
1000
10000
0
5
10
15
GATE-TO-SOURCE VOLTAGE (V)
Charge-Pump
Output Current
Source connected
to ground: supply
voltage as noted
3V
5V
12V
28V
1
10
100
1000
10000
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
Low-Side Turn-On Time
Until Gate = 4V
C
GATE = 3000pF
C
GATE = 1300pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com