Electronic Components Datasheet Search
  English  ▼

X  

MIC5202 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5202
Description  Dual 100mA Low-Dropout Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5202 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5202 Datasheet HTML 1Page - Micrel Semiconductor MIC5202 Datasheet HTML 2Page - Micrel Semiconductor MIC5202 Datasheet HTML 3Page - Micrel Semiconductor MIC5202 Datasheet HTML 4Page - Micrel Semiconductor MIC5202 Datasheet HTML 5Page - Micrel Semiconductor MIC5202 Datasheet HTML 6Page - Micrel Semiconductor MIC5202 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MIC5202
Micrel
MIC5202
2
March 2006
Electrical Characteristics
Limits in standard typeface are for T
J = 25°C and limits in boldface apply over the junction temperature range of –40°C to +125°C. Speci-
fications are for each half of the (dual) MIC5202. Unless otherwise specified, V
IN = VOUT + 1V, IL = 1mA, CL = 10µF, and VCONTROL ≥ 2.0V.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
O
Output Voltage
Variation from specified V
OUT
–1
1
%
Accuracy
–2
2
ΔV
O
Output Voltage
(Note 2)
40
150
ppm/°C
ΔT
Temperature Coef.
ΔV
O
Line Regulation
V
IN = VOUT + 1 V to 26V
0.004
0.10
%
V
O
0.40
ΔV
O
Load Regulation
I
L = 0.1mA to 100mA (Note 3)
0.04
0.16
%
V
O
0.30
V
IN – VO
Dropout Voltage
I
L = 100µA
17
mV
(Note 4)
I
L = 20mA
130
I
L = 30mA
150
I
L = 50mA
180
I
L = 100mA
225
350
I
Q
Quiescent Current
V
CONTROL ≤ 0.7V (Shutdown)
0.01
µA
I
GND
Ground Pin Current
V
CONTROL ≥ 2.0V,
I
L = 100µA
170
µA
I
L = 20mA
270
I
L = 30mA
330
I
L = 50mA
500
I
L = 100mA
1200
1500
PSRR
Ripple Rejection
75
dB
I
GNDDO
Ground Pin
V
IN = 0.5V less specified VOUT, IL = 100µA
270
330
µA
Current at Dropout
(Note 5)
I
LIMIT
Current Limit
V
OUT = 0V
280
mA
ΔV
O
Thermal Regulation
(Note 6)
0.05
%/W
ΔP
D
e
n
Output Noise
100
µV
Control Input
Input Voltage Level
V
IL
Logic Low
OFF
0.7
V
Logic High
ON
2.0
I
IL
Control Input Current
V
IL ≤ 0.7V
0.01
µA
IH
V
IH ≥ 2.0V
8
50
Absolute Maximum Ratings
Absolute Maximum Ratings indicate limits beyond which damage
to the device may occur. Electrical specifications do not apply when
operating the device beyond its specified Operating Ratings.
Power Dissipation................................................ Internally Limited
Lead Temperature (Soldering, 5 seconds) ............................260°C
Operating Junction Temperature Range.............. –40°C to +125°C
Input Supply Voltage .................................................–20V to +60V
ENABLE Input Voltage ..............................................–20V to +60V
SO-8
θ
JA ........................................................................See Note 1
Recommended Operating Conditions
Input Voltage ................................................................2.5V to 26V
Operating Junction Temperature Range.............. –40°C to +125°C
ENABLE Input Voltage ......................................................0V to V
IN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com