Electronic Components Datasheet Search
  English  ▼

X  

MIC4827BMM Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC4827BMM
Description  Low Input Voltage, 180VPP Output Voltage, EL Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4827BMM Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC4827BMM Datasheet HTML 7Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 8Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 9Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 10Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 11Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 12Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 13Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 14Page - Micrel Semiconductor MIC4827BMM Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Micrel, Inc.
MIC4827
July 2009
13
M9999-070709-A
(408) 955-1690
R1
1M
R2
3.32M
VIN
1.8V to 3.3V
(2X Alkaline Batteries)
COUT
0.1µF/100V
GRM42-2X7R104K100
D1
Diodes
BAS20W
L1
220µH
Murata
LQ32CN561K21
15
6
8
7
2
3
4
SW
CS
VA
VB
VDD
RSW
REL
GND
MIC4827
EL LAMP

Elite
12607-N
C2
10µF/6.3V
Murata
GRM42-6X5R106K6.3
VIN
IIN
VA – VB
FEL
Lamp Size
3.0V
31mA
180VPP
104Hz
5.3in
2
TIME (2ms/div)
Figure 9. Typical EL Driver Remote Control Lamp
(Blue Phosphor) Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com