Electronic Components Datasheet Search
  English  ▼

X  

MIC5159 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC5159
Description  Programmable Current Limit 關Cap LDO Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5159 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC5159 Datasheet HTML 9Page - Micrel Semiconductor MIC5159 Datasheet HTML 10Page - Micrel Semiconductor MIC5159 Datasheet HTML 11Page - Micrel Semiconductor MIC5159 Datasheet HTML 12Page - Micrel Semiconductor MIC5159 Datasheet HTML 13Page - Micrel Semiconductor MIC5159 Datasheet HTML 14Page - Micrel Semiconductor MIC5159 Datasheet HTML 15Page - Micrel Semiconductor MIC5159 Datasheet HTML 16Page - Micrel Semiconductor MIC5159 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Micrel, Inc.
MIC5159
June 2006
13
M9999-062706
Schematic B
Input/Output Combination Examples
Input
Output
Maximum Current
1.8V
1.5V
4A
U1 MIC5159BM6/YM6
0
1
2
3
4
5
6
0123456
OUTPUT CURRENT (A)
Dropout
Max. Power
Dissipation at 60°C TA
Application Circuit
Si3445DV x2 SOA
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
GRM40 X7R 106 6.3
Murata(1)
10µF, 6.3V Ceramic MLCC, Size 0805
1
C1
C2012X5RR0J106M
TDK(2)
10µF, 6.3V Ceramic MLCC, Size 0805
GRM42-2 X5R 226K 6.3
Murata
22µF, 6.3V Ceramic MLCC, Size 1210
1
C2
C2012X5RR0J106M
TDK
22µF, 10V Ceramic MLCC, Size 1210
R1
CRCW08051002
Vishay Dale(3)
10kΩ Resistor, Size 0805
1
CRCW08059761
Vishay Dale
Output Voltage:2.5V; 9.76kΩ Resistor, Size 0805(4)
1
CRCW08052152
Vishay Dale
Output Voltage:1.8V; 21.5kΩ Resistor, Size 0805(4)
1
CRCW08054642
Vishay Dale
Output Voltage:1.5V; 46.4kΩ Resistor, Size 0805(4)
1
R2
CRCW08058253
Vishay Dale
Output Voltage:1.25V; 825kΩ Resistor, Size 0805(4)
1
R3
CRCW080549R9 F
Vishay Dale
49.9Ω Resistor, Size 0805
1
Q1, Q2
Si3445DV
Vishay Siliconix(5)
P-Channel MOSFET TSOP-6
2
U1
MIC5159BM6/YM6
Micrel, Inc.
(6)
Programmable Current Limit µCap LDO Regulator
1
Notes:
1. Murata Tel: 949-916-4000
2. TDK Tel: 1-888-835-6646
3. Vishay Dale Tel: 402-563-6866
4. To calculate other output voltage values:
1
1.235
OUT
V
R1
R2
−
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
5. Vishay Siliconix Tel: 402-563-6866
6. Micrel, Inc. Tel: 408-944-0800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com