Electronic Components Datasheet Search
  English  ▼

X  

MIC4827 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4827
Description  Low Input Voltage, 180VPP Output Voltage, EL Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4827 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4827 Datasheet HTML 1Page - Micrel Semiconductor MIC4827 Datasheet HTML 2Page - Micrel Semiconductor MIC4827 Datasheet HTML 3Page - Micrel Semiconductor MIC4827 Datasheet HTML 4Page - Micrel Semiconductor MIC4827 Datasheet HTML 5Page - Micrel Semiconductor MIC4827 Datasheet HTML 6Page - Micrel Semiconductor MIC4827 Datasheet HTML 7Page - Micrel Semiconductor MIC4827 Datasheet HTML 8Page - Micrel Semiconductor MIC4827 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
MIC4827
July 2009
3
M9999-070709-A
(408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)............................................–0.5 to 6V
Output Voltage (VCS) ........................................–0.5 to 100V
Freq. Control Voltage (VRSW, VREL)....... –0.5 to (VDD + 0.3V)
Power Dissipation @ TA = 85°C ..............................200mW
Storage Temperature (Ts) .........................–65°C to +150°C
EDS Rating
(3)
Operating Ratings
(2)
Supply Voltage (VDD).................................... +1.8V to +5.5V
Lamp Drive Frequency (fEL) ....................... 60Hz to 1000Hz
Switching Transistor Frequency (fSW) ........8KHz to 200KHz
Ambient Temperature (TA) .......................... –40°C to +85°C
Junction Thermal Resistance
PDIP (θJA) ........................................................206°C/W
Electrical Characteristics
(4)
VIN = VDD = 3.0V; RSW = 560KΩ; REL = 1.0MΩ; TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
RDS(ON)
On-resistance of switching
transistor
ISW = 100mA, VCS = 85V
3.8
7.0
Ω
85
90
95
V
VCS
Output voltage regulation
VDD = 1.8V to 5.5V
83
97
V
170
180
190
V
VA – VB
Output peak-to-peak voltage
VDD = 1.8V to 5.5V
166
194
V
VEN-L
Input low voltage (turn-off)
VDD = 1.8V to 5.5V
0.5
V
VEN-H
Input high voltage (turn-on)
VDD = 1.8V to 5.5V
VDD–
0.5
V
ISD
Shutdown current, Note 5
RSW = LOW; REL = LOW;
VDD = 5.5V
0.01
0.1
0.5
µA
µA
IVDD
Input supply current
RSW = HIGH; REL = HIGH;
VCS = 85V; VA, VB OPEN
21
75
µA
ICS
Boosted supply current
RSW = HIGH; REL = HIGH;
VCS = 85V; VA, VB OPEN
200
400
µA
IIN
Input current including inductor
current
VIN = VDD = 1.8V
(See Test Circuit)
28
mA
fEL
VA – VB output drive frequency
285
360
435
Hz
fSW
Switching transistor frequency
53
66
79
kHz
D
Switching transistor duty cycle
90
%
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Specification for packaged product only.
5. Shutdown current is defined as the sum of current going into pin 1, 5, and 6 when the device is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com